| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S bảng dữ liệu(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S bảng dữ liệu(HTML) 66 Page - STMicroelectronics |
|
66 / 467 page ![]() Interrupt controller (ITC) RM0016 66/467 DocID14587 Rev 14 Figure 16. Nested interrupt management 6.6 External interrupts Five interrupt vectors are dedicated to external Interrupt events: • 5 lines on Port A: PA[6:2] • 8 lines on Port B: PB[7:0] • 8 lines on Port C: PC[7:0] • 7 lines on Port D: PD[6:0] • 8 lines on Port E: PE[7:0] PD7 is the Top Level Interrupt source (TLI), except for 20-pin packages on which the Top Level Interrupt source (TLI) can be available on the PC3 pin using an alternate function remapping option bit. Refer to option bytes section in the product datasheet for more details. To generate an interrupt, the corresponding GPIO port must be configured in input mode with interrupts enabled. Refer to the register description in the GPIO chapter for details. The interrupt sensitivity must be configured in the external interrupt control register 1 (EXTI_CR1) and external interrupt control register 2 (EXTI_CR2) (see Section 6.9.3 and Section 6.9.4.). 6.7 Interrupt instructions Table 11 shows the interrupt instructions. MSv47718V2 Software priority level I1 I0 31 1 31 1 20 0 10 1 31 1 31 1 3/0 11/10 RIM TRAP IT3 IT1 Main IT2 IT2 IT4 IT4 IT1 10 Main IT0 Table 11. Dedicated interrupt instruction set Instruction New description Function/example I1 H I0 N Z C HALT Entering Halt mode - 1 - 0 - - - IRET Interrupt routine return Pop CCR, A, X, Y, PC I1 H I0 N Z C JRM Jump if I1:0=11 (level 3) I1:0=11 ? - - - - - - |