| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2129T bảng dữ liệu(PDF) 84 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2129T bảng dữ liệu(HTML) 84 Page - NXP Semiconductors |
|
84 / 86 page ![]() PCF2129 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 7 — 19 December 2014 84 of 86 NXP Semiconductors PCF2129 Accurate RTC with integrated quartz crystal for industrial applications 26. Figures Fig 1. Block diagram of PCF2129 . . . . . . . . . . . . . . . . . .3 Fig 2. Pin configuration for PCF2129AT (SO20) . . . . . . .4 Fig 3. Pin configuration for PCF2129T (SO16) . . . . . . . .4 Fig 4. Position of the stubs from the package assembly process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4 Fig 5. Handling address registers . . . . . . . . . . . . . . . . . .6 Fig 6. Battery switch-over behavior in standard mode with bit BIE set logic 1 (enabled) . . . . . . . . . . . . .18 Fig 7. Battery switch-over behavior in direct switching mode with bit BIE set logic 1 (enabled) . . . . . . . .19 Fig 8. Battery switch-over circuit, simplified block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20 Fig 9. Battery low detection behavior with bit BLIE set logic 1 (enabled) . . . . . . . . . . . . . . . . . . . . . . . . .21 Fig 10. Typical driving capability of VBBS: (VBBS - VDD) with respect to the output load current IBBS . . . . .22 Fig 11. Power failure event due to battery discharge: reset occurs . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23 Fig 12. Dependency between POR and oscillator . . . . . .24 Fig 13. Power-On Reset (POR) system. . . . . . . . . . . . . .24 Fig 14. Power-On Reset Override (PORO) sequence, valid for both I2C-bus and SPI-bus . . . . . . . . . . .25 Fig 15. Data flow of the time function. . . . . . . . . . . . . . . .30 Fig 16. Access time for read/write operations . . . . . . . . .31 Fig 17. Alarm function block diagram. . . . . . . . . . . . . . . .32 Fig 18. Alarm flag timing diagram . . . . . . . . . . . . . . . . . .35 Fig 19. WD_CD set logic 1: watchdog activates an interrupt when timed out . . . . . . . . . . . . . . . . . . .38 Fig 20. Timestamp detection with two push-buttons on the TS pin (for example, for tamper detection)39 Fig 21. Interrupt block diagram . . . . . . . . . . . . . . . . . . . .45 Fig 22. INT example for SI and MI when TI_TP is logic 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .46 Fig 23. INT example for SI and MI when TI_TP is logic 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .46 Fig 24. Example of shortening the INT pulse by clearing the MSF flag . . . . . . . . . . . . . . . . . . . . . .47 Fig 25. AF timing diagram . . . . . . . . . . . . . . . . . . . . . . . .48 Fig 26. STOP bit functional diagram . . . . . . . . . . . . . . . .49 Fig 27. STOP bit release timing . . . . . . . . . . . . . . . . . . . .50 Fig 28. Interface selection . . . . . . . . . . . . . . . . . . . . . . . .51 Fig 29. SDI, SDO configurations . . . . . . . . . . . . . . . . . . .51 Fig 30. Data transfer overview . . . . . . . . . . . . . . . . . . . . .52 Fig 31. SPI-bus write example . . . . . . . . . . . . . . . . . . . . .53 Fig 32. SPI-bus read example . . . . . . . . . . . . . . . . . . . . .53 Fig 33. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .54 Fig 34. Definition of START and STOP conditions. . . . . .54 Fig 35. System configuration . . . . . . . . . . . . . . . . . . . . . .55 Fig 36. Acknowledgement on the I2C-bus . . . . . . . . . . . .55 Fig 37. Bus protocol, writing to registers . . . . . . . . . . . . .56 Fig 38. Bus protocol, reading from registers . . . . . . . . . .56 Fig 39. Device diode protection diagram of PCF2129 . . .57 Fig 40. IOL on pin SDA/CE . . . . . . . . . . . . . . . . . . . . . . . .61 Fig 41. IDD as a function of temperature . . . . . . . . . . . . .61 Fig 42. IDD as a function of VDD . . . . . . . . . . . . . . . . . . . .62 Fig 43. Typical IDD as a function of the power management settings . . . . . . . . . . . . . . . . . . . . . 63 Fig 44. Typical characteristic of frequency with respect to temperature of PCF2129AT . . . . . . . . . . . . . . . . 65 Fig 45. Typical characteristic of frequency with respect to temperature of PCF2129T . . . . . . . . . . . . . . . . . 65 Fig 46. SPI-bus timing. . . . . . . . . . . . . . . . . . . . . . . . . . . 67 Fig 47. I2C-bus timing diagram; rise and fall times refer to 30 % and 70 % . . . . . . . . . . . . . . . . . . . . . . . . . . 69 Fig 48. General application diagram . . . . . . . . . . . . . . . . 70 Fig 49. Package outline SOT163-1 (SO20) of PCF2129AT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71 Fig 50. Package outline SOT162-1 (SO16) of PCF2129T. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72 Fig 51. Footprint information for reflow soldering of SOT163-1 (SO20) of PCF2129AT. . . . . . . . . . 73 Fig 52. Footprint information for reflow soldering of SOT162-1 (SO16) of PCF2129T. . . . . . . . . . . 74 |