| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2129T bảng dữ liệu(PDF) 78 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2129T bảng dữ liệu(HTML) 78 Page - NXP Semiconductors |
|
78 / 86 page ![]() PCF2129 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 7 — 19 December 2014 78 of 86 NXP Semiconductors PCF2129 Accurate RTC with integrated quartz crystal for industrial applications 21. References [1] AN10365 — Surface mount reflow soldering description [2] AN10853 — Handling precautions of ESD sensitive devices [3] AN11186 — Application and soldering information for the PCA2129 and PCF2129 TCXO RTC [4] IEC 60134 — Rating systems for electronic tubes and valves and analogous semiconductor devices [5] IEC 61340-5 — Protection of electronic devices from electrostatic phenomena [6] IPC/JEDEC J-STD-020D — Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices [7] JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM) [8] JESD22-C101 — Field-Induced Charged-Device Model Test Method for Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components [9] JESD78 — IC Latch-Up Test [10] JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices [11] SOT162-1_518 — SO16; Reel pack; SMD, 13”, packing information [12] SOT163-1_518 — SO20; Reel pack; SMD, 13”, packing information [13] UM10204 — I2C-bus specification and user manual [14] UM10569 — Store and transport requirements [15] UM10762 — User manual for the accurate RTC demo board OM13513 containing PCF2127T and PCF2129AT |