| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2129T bảng dữ liệu(PDF) 76 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2129T bảng dữ liệu(HTML) 76 Page - NXP Semiconductors |
|
76 / 86 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx PCF2127A X 1 I2C and SPI 500 X X - temperature compensated, quartz built in, calibrated, 512 Byte RAM SO20 PCF2129 X 1 I2C and SPI 500 X X - temperature compensated, quartz built in, calibrated SO16 PCF2129A X 1 I2C and SPI 500 X X - temperature compensated, quartz built in, calibrated SO20 PCA2129 X 1 I2C and SPI 500 X X grade 3 temperature compensated, quartz built in, calibrated SO16 PCA21125 X 1 SPI 820 - - grade 1 high robustness, Tamb40 C to 125 C TSSOP14 Table 83. Selection of Real-Time Clocks …continued Type name Alarm, Timer, Watchdog Interrupt output Interface IDD, typical (nA) Battery backup Timestamp, tamper input AEC-Q100 compliant Special features Packages |