| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83261AVF bảng dữ liệu(PDF) 60 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83261AVF bảng dữ liệu(HTML) 60 Page - National Semiconductor (TI) |
|
60 / 132 page ![]() 60 Control Information (Continued) Negotiated Target Rotation Time (TNEG) The Negotiated Target Rotation Time (TNEG0 – 3) is a 32-bit twos complement value It is the result of the Claim Process TNEG is loaded either directly from the received Claim Information field (T Bid Rc) or via the Control Interface The first byte of TNEG (bits TNEG(31 – 24)) always contains FFh TNEG has a maximum value of 134 seconds and a resolution of 80 ns TRT is loaded with TNEG when the Ring Operational flag is set TNEG is not automatically compared with TREQ when the Ring Operational flag is set This should be checked by software whenever the ring becomes operational to make sure that TNEG is less than or equal to TREQ An implementation of the SM ControlRequest (Reset) should load TNEG with TMAX to remove any possibility of the station entering Claim early On a Master Reset (FunctionMARST is set) TNEG is set to FFE00000 which corresponds to 167772 ms the default TMAX specified by the FDDI MAC Standard ACCESS RULES Address Read Write 98 – 9Bh Always Stop Mode D7 D6 D5 D4 D3 D2 D1 D0 TNEG0 TNEG(31) TNEG(30) TNEG(29) TNEG(28) TNEG(27) TNEG(26) TNEG(25) TNEG(24) TNEG1 TNEG(23) TNEG(22) TNEG(21) TNEG(20) TNEG(19) TNEG(18) TNEG(17) TNEG(16) TNEG2 TNEG(15) TNEG(14) TNEG(13) TNEG(12) TNEG(11) TNEG(10) TNEG(9) TNEG(8) TNEG3 TNEG(7) TNEG(6) TNEG(5) TNEG(4) TNEG(3) TNEG(2) TNEG(1) TNEG(0) 60 |