| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83261AVF bảng dữ liệu(PDF) 48 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83261AVF bảng dữ liệu(HTML) 48 Page - National Semiconductor (TI) |
|
48 / 132 page ![]() 60 Control Information (Continued) Exception Mask Register (EMR) The Exception Mask Register (EMR) is used to mask bits in the Exception Status Register (ESR) If a bit in Register EMR is set to One the corresponding bit in Register ESR will be applied to the Condition Register which can then be used to generate an interrupt All bits in this register are set to Zero upon request ACCESS RULES Address Read Write 2Dh Always Always REGISTER BITS D7 D6 D5 D4 D3 D2 D1 D0 ZERO CCE CPE RES RES RES RES PPE Bit Symbol Description D0 PPE PHY Interface Parity Error Mask This bit is used to mask ESRPPE D1 – 4 RES Reserved D5 CPE Control Bus Parity Error Mask This bit is used to mask ESRCPE D6 CCE Control Bus Error Mask This bit is used to mask ESRCCE D7 ZERO Zero This bit is always Zero This implies that the CWI bit never contributes to the Interrupt Signal 48 |