| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41T62 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T62 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 42 page ![]() Figure 5. M41T64 connections 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 XI XO F32K (1) VSS NC SCL SDA SQW(2) 1. Enabled on power-up. 2. Open drain. Figure 6. M41T65 connections 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 XI XO WDO(1) VSS NC SCL SDA IRQ/FT/OUT(1) 1. Open drain. Table 2. Signal names XI Oscillator input XO Oscillator output SDA Serial data input/output SCL Serial clock input IRQ /OUT Interrupt or OUT output (open drain) IRQ /FT/OUT Interrupt, frequency test, or OUT output (open drain) SQW Programmable square wave - defaults to 32 kHz on power-up (open drain for M41T64 only) F32K Dedicated 32 kHz output (M41T64 only) WDO Watchdog timer output (open drain) VCC Supply voltage VSS Ground M41T62, M41T64, M41T65 Description DS3840 - Rev 24 page 4/42 |