công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AX68004LF bảng dữ liệu(PDF) 23 Page - ASIX Electronics Corporation

tên linh kiện AX68004LF
Giải thích chi tiết về linh kiện  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ASIX [ASIX Electronics Corporation]
Trang chủ  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX68004LF bảng dữ liệu(HTML) 23 Page - ASIX Electronics Corporation

Back Button AX68004LF Datasheet HTML 19Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 20Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 21Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 22Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 23Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 24Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 25Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 26Page - ASIX Electronics Corporation AX68004LF Datasheet HTML 27Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
23
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
2.0 Function Description
2.1 Clock Generation
AX6800x requires an external 12MHz crystal as the main clock source. The clock source provides the reference
timing to the internal 96MHz PLL (Phase-Locked Loop) block to generate 96MHz clock. The 96MHz clock can be
divided to 48 and 12MHz clock. The SYSCK_SEL input is used to select the operating system clock frequency
between 48MHz and 96MHz. The 12MHz and 48MHz can be used as the clock source for the USB process to
handle the data transmission and some USB protocol scheme. The recommended reference frequency of external
12MHz Crystal is 12MHz +/-50ppm, 45 ~ 55% clock duty cycle.
2.2 Reset Generation
During the VDDIO power-on, the internal Power-On-Reset (POR) can generate a reset pulse to reset all the
function blocks, including Flash memory, CPU Core and all the peripherals, when the VDDIO power pin rises to
certain threshold voltage level. The RST_N input is “AND” operating with the POR output so the manual reset
event can be applied by external system circuitry.
NOTICE: Due to AX6800x needs to be supplied dual powers for all IO and core powers and the POR is designed
to detect the VDDIO power only. It is important to make sure the VDDK stabled before VDDIO ramp up or down
cross the Vrr and Vfr voltages. Suggested the VDDIO and VDDK are from same power source and use LDO
regulator for 1.8V power source (Drop Out voltage ≤ 0.3 V) on the board level design. Please reference Section 4.3
and 4.4 for the detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com