công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMG3003NT1 bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện MMG3003NT1
Giải thích chi tiết về linh kiện  Heterojunction Bipolar Transistor Technology (InGaP HBT)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMG3003NT1 bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  MMG3003NT1 Datasheet HTML 1Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 2Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 3Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 4Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 5Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 6Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 7Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 8Page - NXP Semiconductors MMG3003NT1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MMG3003NT1
1
RF Device Data
Freescale Semiconductor, Inc.
MMG3003NT1
40--3600 MHz, 20 dB
24 dBm
InGaP HBT GPA
Heterojunction Bipolar Transistor
Technology (InGaP HBT)
Broadband High Linearity Amplifier
The MMG3003NT1 is a general purpose amplifier that is internally input
matched and internally output prematched. It is designed for a broad range
of Class A, small--signal, high linearity, general purpose applications. It is
suitable for applications with frequencies from 40 to 3600 MHz such as
cellular, PCS, BWA, WLL, PHS, CATV, VHF, UHF, UMTS and general
small--signal RF.
Features
 Frequency: 40--3600 MHz
 P1dB: 24 dBm @ 900 MHz
 Small--Signal Gain: 20 dB @ 900 MHz
 Third Order Output Intercept Point: 40.5 dBm @ 900 MHz
 Single Voltage Supply
 Internally Matched to 50 Ohms
 Cost--effective SOT--89 Surface Mount Plastic Package
 In Tape and Reel. T1 Suffix = 1,000 Units, 12 mm Tape Width, 7--inch Reel.
SOT--89
Table 1. Typical Performance (1)
Characteristic
Symbol
900
MHz
2140
MHz
3500
MHz
Unit
Small--Signal Gain
(S21)
Gp
20
16.9
12
dB
Input Return Loss
(S11)
IRL
--15
--14.1
--11.2
dB
Output Return Loss
(S22)
ORL
--9.3
--14.5
--10.2
dB
Power Output @1dB
Compression
P1dB
24
23.3
20.5
dBm
Third Order Output
Intercept Point
OIP3
40.5
40
37
dBm
1. VCC =6.2 Vdc, TA =25C, 50 ohm system.
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VCC
7
V
Supply Current
ICC
400
mA
RF Input Power
Pin
15
dBm
Storage Temperature Range
Tstg
--65 to +150
C
Junction Temperature
TJ
175
C
Table 3. Thermal Characteristics
Characteristic
Symbol
Value (2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 109C, 6.2 Vdc, 180 mA, no RF applied
RJC
31.6
C/W
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MMG3003NT1
Rev. 9, 9/2014
Freescale Semiconductor
Technical Data
 Freescale Semiconductor, Inc., 2004--2008, 2012, 2014. All rights reserved.


Số phần tương tự - MMG3003NT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
322Kb / 16P
Heterojunction Bipolar Transistor Technology (InGaP HBT) Broadband High Linearity Amplifier
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
410Kb / 18P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3003NT1 FREESCALE-MMG3003NT1 Datasheet
728Kb / 18P
Heterojunction Bipolar Transistor Technology
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3003NT1 FREESCALE-MMG3003NT1_12 Datasheet
728Kb / 18P
Heterojunction Bipolar Transistor Technology
More results

Mô tả tương tự - MMG3003NT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3H21NT1 NXP-MMG3H21NT1 Datasheet
367Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 3, 9/2014
MMG3001NT1 NXP-MMG3001NT1 Datasheet
388Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com