công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS8535-4PI bảng dữ liệu(PDF) 102 Page - ATMEL Corporation

tên linh kiện AT90LS8535-4PI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PI bảng dữ liệu(HTML) 102 Page - ATMEL Corporation

Back Button AT90LS8535-4PI Datasheet HTML 98Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 99Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 100Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 101Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 102Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 103Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 104Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 105Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 127 page
background image
102
AT90S/LS8535
1041H–11/01
f
Notes:
1. a = address high bits
b = address low bits
H = 0 – Low byte, 1 – High Byte
o = data out
i = data in
x = don’t care
1 = Lock Bit 1
2 = Lock Bit 2
F = FSTRT Fuse
S = SPIEN Fuse
2. The signature bytes are not readable in lock mode 3, i.e., both Lock bits programmed.
Table 42. Serial Programming Instruction Set
Instruction
Instruction Format
Operation
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
1010 1100
0101 0011
xxxx xxxx
xxxx xxxx
Enable serial programming
while RESET is low.
Chip Erase
1010 1100
100x xxxx
xxxx xxxx
xxxx xxxx
Chip Erase Flash and
EEPROM memory arrays.
Read Program Memory
0010 H000
xxxx aaaa
bbbb bbbb
oooo oooo
Read H (high or low) data o
from program memory at word
address a:b.
Write Program Memory
0100 H000
xxxx aaaa
bbbb bbbb
iiii iiii
Write H (high or low) data i to
program memory at word
address a:b.
Read EEPROM Memory
1010 0000
xxxx xxxa
bbbb bbbb
oooo oooo
Read data o from EEPROM
memory at address a:b.
Write EEPROM Memory
1100 0000
xxxx xxxa
bbbb bbbb
iiii iiii
Write data i to EEPROM
memory at address a:b.
Read Lock and Fuse Bits
0101 1000
xxxx xxxx
xxxx xxxx
12S
x xxxF
Read Lock and Fuse bits.
“0” = programmed
“1” = unprogrammed
Write Lock Bits
1010 1100
1111 1211
xxxx xxxx
xxxx xxxx
Write Lock bits. Set bits 1,2 =
“0” to program Lock bits.
Read Signature Byte
0011 0000
xxxx xxxx
xxxx xxbb
oooo oooo
Read signature byte o at
address b.
(2)
Write FSTRT Fuse
1010 1100
1011 111F
xxxx xxxx
xxxx xxxx
Write FSTRT fuse. Set bit
F = “0” to program,
“1” to unprogram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com