công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS8535-4PI bảng dữ liệu(PDF) 68 Page - ATMEL Corporation

tên linh kiện AT90LS8535-4PI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PI bảng dữ liệu(HTML) 68 Page - ATMEL Corporation

Back Button AT90LS8535-4PI Datasheet HTML 64Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 65Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 66Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 67Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 68Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 69Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 70Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 71Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 127 page
background image
68
AT90S/LS8535
1041H–11/01
Analog-to-Digital
Converter
Feature list
• 10-bit Resolution
• 0.5 LSB Integral Non-linearity
• ±2 LSB Absolute Accuracy
• 65 - 260 µs Conversion Time
• Up to 15 kSPS at Maximum Resolution
• 8 Multiplexed Input Channels
• Rail-to-Rail Input Range
• Free Running or Single Conversion Mode
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Canceler
The AT90S8535 features a 10-bit successive approximation ADC. The ADC is con-
nected to an 8-channel Analog Multiplexer that allows each pin of Port A to be used as
an input for the ADC. The ADC contains a Sample and Hold Amplifier that ensures that
the input voltage to the ADC is held at a constant level during conversion. A block dia-
gram of the ADC is shown in Figure 45.
The ADC has two separate analog supply voltage pins, AVCC and AGND. AGND must
be connected to GND and the voltage on AV
CC must not differ more than ±0.3V from
V
CC. See “ADC Noise Canceling Techniques” on page 74 on how to connect these pins.
An external reference voltage must be applied to the AREF pin. This voltage must be in
the range 2V - AV
CC.
Figure 45. Analog-to-Digital Converter Block Schematic
ADC CONVERSION
COMPLETE IRQ
8-BIT DATA BUS
15
0
ADC MULTIPLEXER
SELECT (ADMUX)
ADC CTRL & STATUS
REGISTER (ADCSR)
ADC DATA REGISTER
(ADCH/ADCL)
8-
CHANNEL
MUX
CONVERSION LOGIC
10-BIT DAC
+
-
SAMPLE & HOLD
COMPARATOR
PRESCALER
AREF
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com