công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS8535-4PI bảng dữ liệu(PDF) 10 Page - ATMEL Corporation

tên linh kiện AT90LS8535-4PI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PI bảng dữ liệu(HTML) 10 Page - ATMEL Corporation

Back Button AT90LS8535-4PI Datasheet HTML 6Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 7Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 8Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 9Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 10Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 11Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 12Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 13Page - ATMEL Corporation AT90LS8535-4PI Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
10
AT90S/LS8535
1041H–11/01
X-register, Y-register and Z-
register
The registers R26..R31 have some added functions to their general-purpose usage.
These registers are address pointers for indirect addressing of the Data Space. The
three indirect address registers, X, Y, and Z, are defined in Figure 7.
Figure 7. X-, Y-, and Z-register
In the different addressing modes, these address registers have functions as fixed dis-
placement, automatic increment and decrement (see the descriptions for the different
instructions).
ALU – Arithmetic Logic
Unit
The high-performance AVR ALU operates in direct connection with all the 32 general-
purpose working registers. Within a single clock cycle, ALU operations between regis-
ters in the register file are executed. The ALU operations are divided into three main
categories: arithmetic, logical and bit functions.
In-System Programmable
Flash Program Memory
The AT90S8535 contains 8K bytes On-chip, In-System Programmable Flash memory
for program storage. Since all instructions are 16- or 32-bit words, the Flash is orga-
nized as 4K x 16. The Flash memory has an endurance of at least 1000 write/erase
cycles. The AT90S8535 Program Counter (PC) is 12 bits wide, thus addressing the
4096 program memory addresses.
See page 99 for a detailed description on Flash data downloading.
See page 12 for the different program memory addressing modes.
15
0
X-register
7
0
7
0
R27 ($1B)
R26 ($1A)
15
0
Y-register
7
0
7
0
R29 ($1D)
R28 ($1C)
15
0
Z-register
7
0
7
0
R31 ($1F)
R30 ($1E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com