công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS8535-4AC bảng dữ liệu(PDF) 5 Page - ATMEL Corporation

tên linh kiện AT90LS8535-4AC
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AC bảng dữ liệu(HTML) 5 Page - ATMEL Corporation

  AT90LS8535-4AC Datasheet HTML 1Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 2Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 3Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 4Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 5Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 6Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 7Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 8Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 127 page
background image
5
AT90S/LS8535
1041H–11/01
current if the pull-up resistors are activated. Two Port C pins can alternatively be used
as oscillator for Timer/Counter2.
The Port C pins are tri-stated when a reset condition becomes active, even if the clock is
not running.
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors. The Port D output
buffers can sink 20 mA. As inputs, Port D pins that are externally pulled low will source
current if the pull-up resistors are activated.
Port D also serves the functions of various special features of the AT90S8535 as listed
on page 86.
The Port D pins are tri-stated when a reset condition becomes active, even if the clock is
not running.
RESET
Reset input. An external reset is generated by a low level on the RESET pin. Reset
pulses longer than 50 ns will generate a reset, even if the clock is not running. Shorter
pulses are not guaranteed to generate a reset.
XTAL1
Input to the inverting oscillator amplifier and input to the internal clock operating circuit.
XTAL2
Output from the inverting oscillator amplifier.
AVCC
AVCC is the supply voltage pin for Port A and the A/D Converter. If the ADC is not used,
this pin must be connected to VCC. If the ADC is used, this pin must be connected to
VCC via a low-pass filter. See page 68 for details on operation of the ADC.
AREF
AREF is the analog reference input for the A/D Converter. For ADC operations, a volt-
age in the range 2V to AVCC must be applied to this pin.
AGND
Analog ground. If the board has a separate analog ground plane, this pin should be con-
nected to this ground plane. Otherwise, connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com