công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS8535-4AC bảng dữ liệu(PDF) 29 Page - ATMEL Corporation

tên linh kiện AT90LS8535-4AC
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AC bảng dữ liệu(HTML) 29 Page - ATMEL Corporation

Back Button AT90LS8535-4AC Datasheet HTML 25Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 26Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 27Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 28Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 29Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 30Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 31Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 32Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 127 page
background image
29
AT90S/LS8535
1041H–11/01
Interrupt Response Time
The interrupt execution response for all the enabled AVR interrupts is four clock cycles
minimum. Four clock cycles after the interrupt flag has been set, the program vector
address for the actual interrupt handling routine is executed. During this 4-clock-cycle
period, the Program Counter (2 bytes) is pushed onto the stack and the Stack Pointer is
decremented by 2. The vector is normally a relative jump to the interrupt routine and this
jump takes two clock cycles. If an interrupt occurs during execution of a multi-cycle
instruction, this instruction is completed before the interrupt is served.
A return from an interrupt handling routine (same as for a subroutine call routine) takes
four clock cycles. During these four clock cycles, the Program Counter (2 bytes) is
popped back from the stack, the Stack Pointer is incremented by 2 and the I-flag in
SREG is set. When the AVR exits from an interrupt, it will always return to the main pro-
gram and execute one more instruction before any pending interrupt is served.
MCU Control Register –
MCUCR
The MCU Control Register contains control bits for general MCU functions.
• Bit 7 – Res: Reserved Bit
This bit is a reserved bit in the AT90S8535 and always reads zero.
• Bit 6 – SE: Sleep Enable
The SE bit must be set (one) to make the MCU enter the Sleep Mode when the SLEEP
instruction is executed. To avoid the MCU entering the Sleep Mode unless it is the pro-
grammer’s purpose, it is recommended to set the Sleep Enable (SE) bit just before the
execution of the SLEEP instruction.
• Bits 5, 4 – SM1/SM0: Sleep Mode Select Bits 1 and 0
These bits select between the three available sleep modes as shown in Table 7.
• Bits 3, 2 – ISC11, ISC10: Interrupt Sense Control 1 Bits 1 and 0
The External Interrupt 1 is activated by the external pin INT1 if the SREG I-flag and the
corresponding interrupt mask in the GIMSK is set. The level and edges on the external
INT1 pin that activate the interrupt are defined in Table 8.
Bit
765
432
10
$35 ($55)
–
SE
SM1
SM0
ISC11
ISC10
ISC01
ISC00
MCUCR
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 7. Sleep Mode Select
SM1
SM0
Sleep Mode
00
Idle
01
Reserved
1
0
Power-down
11
Power Save



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com