công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS8535-4AC bảng dữ liệu(PDF) 21 Page - ATMEL Corporation

tên linh kiện AT90LS8535-4AC
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AC bảng dữ liệu(HTML) 21 Page - ATMEL Corporation

Back Button AT90LS8535-4AC Datasheet HTML 17Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 18Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 19Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 20Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 21Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 22Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 23Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 24Page - ATMEL Corporation AT90LS8535-4AC Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
21
AT90S/LS8535
1041H–11/01
The most typical and general program setup for the Reset and Interrupt vector
addresses are:
Address Labels
Code
Comments
$000
rjmp
RESET
; Reset Handler
$001
rjmp
EXT_INT0
; IRQ0 Handler
$002
rjmp
EXT_INT1
; IRQ1 Handler
$003
rjmp
TIM2_COMP
; Timer2 Compare Handler
$004
rjmp
TIM2_OVF
; Timer2 Overflow Handler
$005
rjmp
TIM1_CAPT
; Timer1 Capture Handler
$006
rjmp
TIM1_COMPA
; Timer1 CompareA Handler
$007
rjmp
TIM1_COMPB
; Timer1 CompareB Handler
$008
rjmp
TIM1_OVF
; Timer1 Overflow Handler
$009
rjmp
TIM0_OVF
; Timer0 Overflow Handler
$00a
rjmp
SPI_STC;
; SPI Transfer Complete Handler
$00b
rjmp
UART_RXC
; UART RX Complete Handler
$00c
rjmp
UART_DRE
; UDR Empty Handler
$00d
rjmp
UART_TXC
; UART TX Complete Handler
$00e
rjmp
ADC
; ADC Conversion Complete Interrupt
Handler
$00f
rjmp
EE_RDY
; EEPROM Ready Handler
$010
rjmp
ANA_COMP
; Analog Comparator Handler
$011
MAIN:
ldi
r16, high(RAMEND); Main program start
$012
out
SPH,r16
$013
ldi
r16, low(RAMEND) ;
$014
out
SPL,r16
$015
<instr> xxx
……
…
…
Reset Sources
The AT90S8535 has three sources of reset:
•
Power-on Reset. The MCU is reset when the supply voltage is below the Power-on
Reset threshold (V
POT).
•
External Reset. The MCU is reset when a low level is present on the RESET pin for
more than 50 ns.
•
Watchdog Reset. The MCU is reset when the Watchdog timer period expires and
the Watchdog is enabled.
During reset, all I/O registers are set to their initial values and the program starts execu-
tion from address $000. The instruction placed in address $000 must be an RJMP
(relative jump) instruction to the reset handling routine. If the program never enables an
interrupt source, the interrupt vectors are not used and regular program code can be
13
$00C
UART, UDRE
UART Data Register Empty
14
$00D
UART, TX
UART, Tx Complete
15
$00E
ADC
ADC Conversion Complete
16
$00F
EE_RDY
EEPROM Ready
17
$010
ANA_COMP
Analog Comparator
Table 2. Reset and Interrupt Vectors (Continued)
Vector No.
Program Address
Source
Interrupt Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com