công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB2E22YCGR bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB2E22YCGR
Giải thích chi tiết về linh kiện  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22YCGR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TUSB2E22YCGR Datasheet HTML 3Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 4Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 5Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 6Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 7Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 8Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 9Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 10Page - Texas Instruments TUSB2E22YCGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
TUSB2E22
www.ti.com
SNLS648A – FEBRUARY 2019 – REVISED DECEMBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High (Driven)
USB 2.0 Spec Section 7.1.1 (measured
at connector with RL of 14.25 k
Ω to
GND. )
2.8
3.6
V
ZFSTERM
Driver Series Output Resistance
USB 2.0 Spec Section 7.1.1, Measured it
during VOL or VOH
28
44
Ω
VCRS
Output Signal Crossover Voltage
Measured as in USB 2.0 Spec Section
7.1.1 Figure 7-8; Excluding the first
transition from the Idle state
1.3
2
V
USBA, USBB OUTPUT LEVELS HS
VHSOH
High-speed data signaling high
USB 2.0 Spec Section 7.1.7.2, measured
single ended peak voltage per USB 2.0
test measurement spec, Test load is an
ideal 45ohm to GND on DP and DN
360
440
mV
VHSOL
High-speed data signaling low, driver is
off termination is on (measured single
ended)
USB 2.0 Spec Section 7.1.7.2,Test load
is an ideal 45ohm to GND on DP and
DN.
–10
10
mV
VCHIRPJ
Chirp J level (differential voltage)
USB 2.0 Spec Section 7.1.7.2 , Test load
is an ideal 45ohm to GND on DP and
DN.
700
900
1100
mV
VCHIRPK
Chirp K level (differential voltage)
USB 2.0 Spec Section 7.1.7.2 , Test load
is an ideal 45ohm to GND on DP and
DN.
-900
-700
-500
mV
U2_TXCM
High-speed TX DC Common Mode
-50
200
500
mV
eUSB2 TERMINATION
RSRC_HS
High speed transmit source termination
impedance
eUSB2 Spec Section 7.1.1
33
40
47
Ω
ΔRSRC_HS
High speed source impedance mismatch
eUSB2 Spec Section 7.1.1
4
Ω
RRCV_DIF
High speed differential receiver
termination (repeater)
eUSB2 Spec Section 7.1.2
74
80
86
Ω
RPD
Pull-down resistors on eDP/eDN
eUSB2 Spec Section 7.3, active during
LS, FS and HS
6
8
10
kΩ
RSRC_LSFS
Transmit output impedance
eUSB2 Spec Section 7.2.1, Table 7-13
TX output impedance to match spec
version 1.10
28
44
59
Ω
eUSB0, eUSB1 FS/LS INPUT LEVELS
VIL
Single-ended input low
eUSB2 Spec Section 7.2.1, Table 7-13
–0.1
0.399
V
VIH
Single-ended input high
eUSB2 Spec Section 7.2.1, Table 7-13
0.819
1.386
V
VHYS
Receive single-ended hysteresis voltage
eUSB2 Spec Section 7.2.1, Table 7-13
43.2
mV
eUSB0, eUSB1 FS/LS OUTPUT LEVELS
VOL
Single-ended output low
eUSB2 Spec Section 7.2.1, Table 7-13
0.198
V
VOH
Single-ended output high
eUSB2 Spec Section 7.2.1, Table 7-13
0.918
1.32
V
eUSB0, eUSB1 HS INPUT LEVELS
VRX_CM
Receive DC common mode range (low)
eUSB2 Spec Section 7.1.2 (normative),
low DC common mode RX must tolerate
120
mV
VRX_CM
Receive DC common mode range (high)
eUSB2 Spec Section 7.1.2 (normative),
high DC common mode RX must tolerate
280
mV
VCM_RX_AC
Receiver AC common mode (50MHz-
480MHz)
eUSB2 Spec Section 7.1.2 (informative),
across the DC common mode range of
120mV to 280mV. (RX capability tested
with intentional TX Rise/Fall Time
mismatch and prop delay mismatch)
–60
60
mV
CRX_CM
Receive center-tapped capacitance
eUSB2 Spec Section 7.1.2 (informative)
15
50
pF
VRX_DIF_SEN
S
Receive differential sensitivity, RX should
be able to receive less than this value.
eUSB2 Spec Section 7.1.2, VCM =
120mV to 450mV
120
mVp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com