công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BAS116L bảng dữ liệu(PDF) 4 Page - Nexperia B.V. All rights reserved

tên linh kiện BAS116L
Giải thích chi tiết về linh kiện  Low-leakage diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS116L bảng dữ liệu(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAS116L Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
BAS116L
Low-leakage diode
BAS116L
All information provided in this document is subject to legal disclaimers.
Product data sheet
4 May 2016
4 / 12
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
-
375
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[2]
-
-
205
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
[3]
-
-
40
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm².
[3] Soldering point of cathode tab.
aaa-022922
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.05
0.01
0.5
0.33
0.25
0.2
0.1
0.02
0.75
0
FR4 PCB, standard footprint
Fig. 2. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
aaa-022923
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.05
0.01
0.5
0.33
0.25
0.2
0.1
0.02
0.75
0
FR4 PCB, mounting pad for cathode 1 cm2
Fig. 3. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com