công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BAS116L bảng dữ liệu(PDF) 3 Page - Nexperia B.V. All rights reserved

tên linh kiện BAS116L
Giải thích chi tiết về linh kiện  Low-leakage diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS116L bảng dữ liệu(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS116L Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS116L Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
BAS116L
Low-leakage diode
BAS116L
All information provided in this document is subject to legal disclaimers.
Product data sheet
4 May 2016
3 / 12
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
75
V
VRRM
repetitive peak reverse
voltage
Tj = 25 °C
-
85
V
IF
forward current
Tamb = 25 °C
[1]
-
325
mA
IFRM
repetitive peak forward
current
tp ≤ 0.5 ms; δ ≤ 0.25 ; Tj = 25 °C
-
700
mA
tp = 100 µs; Tj(init) = 25 °C; square wave
-
4
A
tp = 1 ms; Tj(init) = 25 °C; square wave
-
1.5
A
IFSM
non-repetitive peak
forward current
tp = 1 s; Tj(init) = 25 °C; square wave
-
0.5
A
[1]
-
335
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
610
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm².
Tamb (°C)
175
125
25
150
100
50
0
75
aaa-022907
0.2
0.1
0.3
0.4
IF
(mA)
0
FR4 PCB, standard footprint
Fig. 1. Forward current as a function of ambient temperature; derating curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com