công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC47M112-MW bảng dữ liệu(PDF) 84 Page - SMSC Corporation

tên linh kiện LPC47M112-MW
Giải thích chi tiết về linh kiện  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112-MW bảng dữ liệu(HTML) 84 Page - SMSC Corporation

Back Button LPC47M112-MW Datasheet HTML 80Page - SMSC Corporation LPC47M112-MW Datasheet HTML 81Page - SMSC Corporation LPC47M112-MW Datasheet HTML 82Page - SMSC Corporation LPC47M112-MW Datasheet HTML 83Page - SMSC Corporation LPC47M112-MW Datasheet HTML 84Page - SMSC Corporation LPC47M112-MW Datasheet HTML 85Page - SMSC Corporation LPC47M112-MW Datasheet HTML 86Page - SMSC Corporation LPC47M112-MW Datasheet HTML 87Page - SMSC Corporation LPC47M112-MW Datasheet HTML 88Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 84
Rev. 02/02/2005
18 PARALLEL PORT
The LPC47M112 incorporates an IBM XT/AT compatible parallel port. This supports the optional PS/2 type bi-
directional parallel port (SPP), the Enhanced Parallel Port (EPP) and the Extended Capabilities Port (ECP) parallel port
modes. Refer to the Configuration Registers for information on disabling, power down, changing the base address of
the parallel port, and selecting the mode of operation.
The parallel port also incorporates SMSC's ChiProtect circuitry, which prevents possible damage to the parallel port due
to printer power-up.
The functionality of the Parallel Port is achieved through the use of eight addressable ports, with their associated
registers and control gating. The control and data port are read/write by the CPU, the status port is read/write in the EPP
mode. The address map of the Parallel Port is shown below:
DATA PORT
BASE ADDRESS + 00H
STATUS PORT
BASE ADDRESS + 01H
CONTROL PORT
BASE ADDRESS + 02H
EPP ADDR PORT
BASE ADDRESS + 03H
EPP DATA PORT 0
BASE ADDRESS + 04H
EPP DATA PORT 1
BASE ADDRESS + 05H
EPP DATA PORT 2
BASE ADDRESS + 06H
EPP DATA PORT 3
BASE ADDRESS + 07H
The bit map of these registers is:
D0
D1
D2
D3
D4
D5
D6
D7
Note
DATA PORT
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
1
STATUS PORT
TMOUT
0
0
nERR
SLCT
PE
nACK
nBUSY
1
CONTROL
PORT
STROBE
AUTOFD
nINIT
SLC
IRQE
PCD
0
0
1
EPP ADDR
PORT
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2
EPP DATA
PORT 0
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2
EPP DATA
PORT 1
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2
EPP DATA
PORT 2
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2
EPP DATA
PORT 3
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2
Note 1: These registers are available in all modes.
Note 2: These registers are only available in EPP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com