công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC47M112-MW bảng dữ liệu(PDF) 71 Page - SMSC Corporation

tên linh kiện LPC47M112-MW
Giải thích chi tiết về linh kiện  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112-MW bảng dữ liệu(HTML) 71 Page - SMSC Corporation

Back Button LPC47M112-MW Datasheet HTML 67Page - SMSC Corporation LPC47M112-MW Datasheet HTML 68Page - SMSC Corporation LPC47M112-MW Datasheet HTML 69Page - SMSC Corporation LPC47M112-MW Datasheet HTML 70Page - SMSC Corporation LPC47M112-MW Datasheet HTML 71Page - SMSC Corporation LPC47M112-MW Datasheet HTML 72Page - SMSC Corporation LPC47M112-MW Datasheet HTML 73Page - SMSC Corporation LPC47M112-MW Datasheet HTML 74Page - SMSC Corporation LPC47M112-MW Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 71
Rev. 02/02/2005
This bit is the complement of the Clear To Send (nCTS) input. If bit 4 of the MCR is set to logic "1", this bit is equivalent
to nRTS in the MCR.
Bit 5
This bit is the complement of the Data Set Ready (nDSR) input. If bit 4 of the MCR is set to logic "1", this bit is
equivalent to DTR in the MCR.
Bit 6
This bit is the complement of the Ring Indicator (nRI) input. If bit 4 of the MCR is set to logic "1", this bit is equivalent to
OUT1 in the MCR.
Bit 7
This bit is the complement of the Data Carrier Detect (nDCD) input. If bit 4 of the MCR is set to logic "1", this bit is
equivalent to OUT2 in the MCR.
SCRATCHPAD REGISTER (SCR)
Address Offset =7H, DLAB =X, READ/WRITE
This 8 bit read/write register has no effect on the operation of the Serial Port. It is intended as a scratchpad register to
be used by the programmer to hold data temporarily.
PROGRAMMABLE BAUD RATE GENERATOR (AND DIVISOR LATCHES DLH, DLL)
The Serial Port contains a programmable Baud Rate Generator that is capable of dividing the PLL clock by any
divisor from 1 to 65535. The internal PLL clock is divided down to generate a 1.8462MHz frequency for Baud Rates
less than 38.4k, a 1.8432MHz frequency for 115.2k, a 3.6864MHz frequency for 230.4k and a 7.3728MHz frequency
for 460.8k. This output frequency of the Baud Rate Generator is 16x the Baud rate. Two 8 bit latches store the
divisor in 16 bit binary format. These Divisor Latches must be loaded during initialization in order to insure desired
operation of the Baud Rate Generator. Upon loading either of the Divisor Latches, a 16 bit Baud counter is
immediately loaded. This prevents long counts on initial load. If a 0 is loaded into the BRG registers the output
divides the clock by the number 3. If a 1 is loaded the output is the inverse of the input oscillator. If a two is loaded
the output is a divide by 2 signal with a 50% duty cycle. If a 3 or greater is loaded the output is low for 2 bits and high
for the remainder of the count.
Table 30 shows the baud rates.
Effect Of The Reset on Register File
The Reset Function (Table 31) details the effect of the Reset input on each of the registers of the Serial Port.
FIFO INTERRUPT MODE OPERATION
When the RCVR FIFO and receiver interrupts are enabled (FCR bit 0 = "1", IER bit 0 = "1"), RCVR interrupts occur as
follows:
A. The receive data available interrupt will be issued when the FIFO has reached its programmed trigger level; it is
cleared as soon as the FIFO drops below its programmed trigger level.
B. The IIR receive data available indication also occurs when the FIFO trigger level is reached. It is cleared when the
FIFO drops below the trigger level.
C. The receiver line status interrupt (IIR=06H), has higher priority than the received data available (IIR=04H) interrupt.
D. The data ready bit (LSR bit 0) is set as soon as a character is transferred from the shift register to the RCVR FIFO. It
is reset when the FIFO is empty.
When RCVR FIFO and receiver interrupts are enabled, RCVR FIFO timeout interrupts occur as follows:
A. A FIFO timeout interrupt occurs if all the following conditions exist:
-
At least one character is in the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com