| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC47M112-MW bảng dữ liệu(PDF) 49 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M112-MW bảng dữ liệu(HTML) 49 Page - SMSC Corporation |
|
49 / 208 page ![]() Enhanced Super I/O Controller with LPC Interface Datasheet SMSC DS – LPC47M112 Page 49 Rev. 02/02/2005 DATASHEET READ A TRACK DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 MFM 0 0 0 0 1 0 Command Codes W 0 0 0 0 0 HDS DS1 DS0 W ──────── C ──────── Sector ID information prior to Command execution. W ──────── H ──────── W ──────── R ──────── W ──────── N ──────── W ─────── EOT ─────── W ─────── GPL ─────── W ─────── DTL ─────── Execution Data transfer between the FDD and system. FDC reads all of cylinders' contents from index hole to EOT. Result R ─────── ST0 ─────── Status information after Command execution. R ─────── ST1 ─────── R ─────── ST2 ─────── R ──────── C ──────── Sector ID information after Command execution. R ──────── H ──────── R ──────── R ──────── R ──────── N ──────── VERIFY DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W MT MFM SK 1 0 1 1 0 Command Codes W EC 0 0 0 0 HDS DS1 DS0 W ──────── C ──────── Sector ID information prior to Command execution. W ──────── H ──────── W ──────── R ──────── W ──────── N ──────── W ─────── EOT ─────── W ─────── GPL ─────── W ────── DTL/SC ────── Execution No data transfer takes place. Result R ─────── ST0 ─────── Status information after Command execution. R ─────── ST1 ─────── R ─────── ST2 ─────── R ──────── C ──────── Sector ID information after Command |