công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AXP1G86GS bảng dữ liệu(PDF) 2 Page - Nexperia B.V. All rights reserved

tên linh kiện 74AXP1G86GS
Giải thích chi tiết về linh kiện  Low-power 2-input EXCLUSIVE-OR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G86GS bảng dữ liệu(HTML) 2 Page - Nexperia B.V. All rights reserved

  74AXP1G86GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1G86
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 13 November 2015
2 of 17
Nexperia
74AXP1G86
Low-power 2-input EXCLUSIVE-OR gate
3.
Ordering information
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AXP1G86GM
40 C to +85 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
74AXP1G86GN
40 C to +85 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 0.9
 1.0  0.35 mm
SOT1115
74AXP1G86GS
40 C to +85 C
XSON6
extremely thin small outline package; no leads;
6 terminals; body 1.0
 1.0  0.35 mm
SOT1202
74AXP1G86GX
40 C to +85 C
X2SON5
X2SON5: plastic thermal enhanced extremely thin
small outline package; no leads; 5 terminals;
body 0.8
 0.8  0.35 mm
SOT1226
Table 2.
Marking
Type number
Marking code[1]
74AXP1G86GM
rH
74AXP1G86GN
rH
74AXP1G86GS
rH
74AXP1G86GX
rH
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com