công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AXP1G86GS bảng dữ liệu(PDF) 7 Page - Nexperia B.V. All rights reserved

tên linh kiện 74AXP1G86GS
Giải thích chi tiết về linh kiện  Low-power 2-input EXCLUSIVE-OR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G86GS bảng dữ liệu(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1G86GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1G86
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 13 November 2015
7 of 17
Nexperia
74AXP1G86
Low-power 2-input EXCLUSIVE-OR gate
12. Waveforms
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
The data input (A, B) to output (Y) propagation delays and out put transition times
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VI
tr = tf
VM
0.75 V to 2.7 V
0.5
 V
CC
VCC
 3.0 ns
0.5
 V
CC
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 2.7 V
(2) Typical: Tamb = 25 C; VCC = 2.5 V
(3) Maximum: VCC = 2.3 V
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 1.95 V
(2) Typical: Tamb = 25 C; VCC = 1.8 V
(3) Maximum: VCC = 1.65 V
Fig 8.
Additional tpd versus load capacitance
Fig 9.
Additional tpd versus load capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com