công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC8T595 bảng dữ liệu(PDF) 13 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC8T595
Giải thích chi tiết về linh kiện  Dual supply 8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC8T595 bảng dữ liệu(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC8T595 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC8T595 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Nexperia
74LVC8T595
Dual supply 8-bit serial-in/serial-out or parallel-out shift register; 3-state
74LVC8T595
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 9 May 2017
13 / 33
Table 12. Dynamic characteristics for temperature +25 °C [1]
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13; for waveforms see Figure 7 up to Figure 12.
VCC(B)
2.5 V ± 0.2 V
3.3 V ± 0.3 V
5.0 V ± 0.5 V
Symbol Parameter
Conditions
Min Typ Max Min Typ Max Min Typ Max
Unit
VCC(A) = 1.2 V ± 0.1 V
tpd
propagation delay
STCP to Qn
4.2
14.5 27.9
3.8
13.4 26.3
3.5
12.4 24.9 ns
tdis
disable time
OE to Qn
2.6
7.4
12.0
2.9
7.7
12.4
2.4
6.6
11.3 ns
ten
enable time
OE to Qn
3.3
10.1 16.8
2.9
9.2
15.8
2.7
8.9
15.9 ns
fmax
maximum frequency STCP
45
131
-
45
139
-
45
144
-
MHz
tsk(o)
output skew time
Q0 to Q7
[2]
-
-
1.4
-
-
1.2
-
-
1.0 ns
VCC(A) = 1.5 V ± 0.1 V
tpd
propagation delay
STCP to Qn
3.7
10.9 16.2
3.3
9.7
14.5
3.0
8.7
13.0 ns
tdis
disable time
OE to Qn
2.2
6.0
9.2
2.6
6.2
9.4
2.1
5.0
8.1 ns
ten
enable time
OE to Qn
2.9
8.6
14.1
2.6
7.5
12.1
2.4
6.7
10.6 ns
fmax
maximum frequency STCP
130
144
-
130
187
-
130
224
-
MHz
tsk(o)
output skew time
Q0 to Q7
[2]
-
-
1.2
-
-
1.0
-
-
0.7 ns
VCC(A) = 1.8 V ± 0.15 V
tpd
propagation delay
STCP to Qn
3.4
9.4
14.4
3.0
8.2
12.6
2.7
7.2
10.9 ns
tdis
disable time
OE to Qn
2.0
5.3
8.3
2.4
5.5
8.5
1.9
4.3
7.2 ns
ten
enable time
OE to Qn
2.7
8.0
13.3
2.4
6.7
11.1
2.2
5.8
9.4 ns
fmax
maximum frequency STCP
130
151
-
165
197
-
205
237
-
MHz
tsk(o)
output skew time
Q0 to Q7
[2]
-
-
1.2
-
-
0.9
-
-
0.7 ns
VCC(A) = 2.5 V ± 0.2 V
tpd
propagation delay
STCP to Qn
3.0
7.9
12.4
2.6
6.7
10.5
2.3
5.7
8.8 ns
tdis
disable time
OE to Qn
1.9
4.6
7.5
2.2
4.8
7.5
1.7
3.5
6.0 ns
ten
enable time
OE to Qn
2.7
7.4
12.6
2.3
6.0
10.2
2.0
4.9
8.2 ns
fmax
maximum frequency STCP
130
156
-
165
210
-
215
252
-
MHz
tsk(o)
output skew time
Q0 to Q7
[2]
-
-
1.2
-
-
0.9
-
-
0.7 ns
VCC(A) = 3.3 V ± 0.3 V
tpd
propagation delay
STCP to Qn
2.8
7.3
11.5
2.4
6.1
9.6
2.1
5.0
7.9 ns
tdis
disable time
OE to Qn
1.8
4.4
7.1
2.1
4.5
7.1
1.6
3.2
5.5 ns
ten
enable time
OE to Qn
2.6
7.2
12.3
2.3
5.8
10.0
2.0
4.6
7.8 ns
fmax
maximum frequency STCP
130
159
-
165
213
-
215
255
-
MHz
tsk(o)
output skew time
Q0 to Q7
[2]
-
-
1.2
-
-
0.9
-
-
0.7 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com