| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC47M14X bảng dữ liệu(PDF) 189 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M14X bảng dữ liệu(HTML) 189 Page - SMSC Corporation |
|
189 / 205 page ![]() SMSC DS – LPC47M14X Page 189 Rev. 03/19/2001 t5 t4 t3 t2 t1 nWRITE PD<7:0> nDATASTB nADDRSTB nWAIT FIGURE 30 – EPP 1.7 DATA OR ADDRESS WRITE CYCLE NAME DESCRIPTION MIN TYP MAX UNITS t1 Command Deasserted to nWRITE Change 0 40 ns t2 Command Deasserted to PDATA Invalid 50 ns t3 PDATA Valid to Command Asserted 10 35 ns t4 nWRITE to Command 5 35 ns t5 Command Deasserted to nWAIT Deasserted 0 ns t3 t2 t1 nWRITE PD<7:0> nDATASTB nADDRSTB nWAIT FIGURE 31 – EPP 1.7 DATA OR ADDRESS READ CYCLE NAME DESCRIPTION MIN TYP MAX UNITS t1 Command Asserted to PDATA Valid 0 ns t2 Command Deasserted to PDATA Hi-Z 0 ns t3 Command Deasserted to nWAIT Deasserted 0 ns |