| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC47M14X bảng dữ liệu(PDF) 6 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M14X bảng dữ liệu(HTML) 6 Page - SMSC Corporation |
|
6 / 205 page ![]() SMSC DS – LPC47M14X Page 6 Rev. 03/19/2001 Table 22 – Skip Bit vs. Read Deleted Data Command...............................................................................................51 Table 23 – Result Phase Table ..................................................................................................................................52 Table 24 – Verify Command Result Phase Table ......................................................................................................53 Table 25 – Typical Values for Formatting...................................................................................................................55 Table 26 – Interrupt Identification...............................................................................................................................56 Table 27 – Drive Control Delays (ms) ........................................................................................................................57 Table 28 – Effects of WGATE and GAP Bits..............................................................................................................59 Table 29 – Addressing the Serial Port........................................................................................................................60 Table 30 – Interrupt Control Table .............................................................................................................................63 Table 31 – Baud Rates ..............................................................................................................................................68 Table 32 – Reset Function Table ...............................................................................................................................69 Table 33 – Register Summary for an Individual UART Channel ................................................................................69 Table 34 – MPU-401 HOST INTERFACE REGISTERS ............................................................................................74 Table 35 – MIDI DATA PORT ....................................................................................................................................74 Table 36 – MPU-401 STATUS PORT ........................................................................................................................74 Table 37 – MIDI RECEIVE BUFFER EMPTY STATUS BIT.......................................................................................75 Table 38 – MIDI TRANSMIT BUSY STATUS BIT ......................................................................................................75 Table 39 – MPU-401 COMMAND PORT ...................................................................................................................75 Table 40 – Parallel Port Connector ............................................................................................................................79 Table 41 – EPP Pin Descriptions ...............................................................................................................................83 Table 42 – ECP Pin Descriptions ...............................................................................................................................85 Table 43 – ECP Register Definitions..........................................................................................................................86 Table 44 – Mode Descriptions....................................................................................................................................86 Table 45a – Extended Control Register .....................................................................................................................90 Table 46 – Channel/Data Commands supported in ECP mode .................................................................................92 Table 47 – PC/AT and PS/2 Available Registers .......................................................................................................95 Table 48 – State of System Pins in Auto Powerdown ................................................................................................96 Table 49 – State of Floppy Disk Drive Interface Pins in Powerdown..........................................................................96 Table 50 – I/O Address Map ....................................................................................................................................103 Table 51 – Host Interface Flags ...............................................................................................................................103 Table 52 – Status Register.......................................................................................................................................105 Table 53 – Resets ....................................................................................................................................................105 Table 54 – General Purpose I/O Port Assignments .................................................................................................111 Table 55 – GPIO Configuration Summary................................................................................................................112 Table 56 – GPIO Read/Write Behavior ....................................................................................................................113 Table 57 – Different Modes for Fan..........................................................................................................................118 Table 58 – Runtime Register Block Summary..........................................................................................................125 Table 59 – PME, SMI, GPIO, FAN Register Description..........................................................................................127 Table 60 – Game Port..............................................................................................................................................151 Table 61 – LPC47M14x Configuration Registers Summary.....................................................................................154 Table 62 – Chip Level Registers ..............................................................................................................................156 Table 63 – Logical Device Registers........................................................................................................................159 Table 64 – Logical Device Registers........................................................................................................................160 Table 65 – I/O Base Address Configuration Register Description............................................................................161 Table 66 – Interrupt Select Configuration Register Description ...............................................................................162 Table 67 – DMA Channel Select Configuration Register Description.......................................................................163 Table 68 – Floppy Disk Controller, Logical Device 0 [Logical Device Number = 0x00] ............................................164 Table 69 – Parallel Port, Logical Device 3 [Logical Device Number = 0x03]............................................................165 Table 70 – Serial Port 1, Logical Device 4 [Logical Device Number = 0x04]............................................................166 Table 71 – Serial Port 2, Logical Device 5 [Logical Device Number = 0x05]............................................................166 Table 72 – KYBD, Logical Device 7 [Logical Device Number = 0x07] .....................................................................168 Table 73 – PME, Logical Device A [Logical Device Number = 0x0A].......................................................................168 Table 74 – MPU-401 [Logical Device Number = 0x0B] ............................................................................................169 Table 75 – USB Hub, Logical Device C [Logical Device Number = 0x0C] ...............................................................169 Table 76 – HubControl_1 Register Definition...........................................................................................................171 Table 77 – Electrical Source Characteristics............................................................................................................178 |