| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC47M14X bảng dữ liệu(PDF) 47 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M14X bảng dữ liệu(HTML) 47 Page - SMSC Corporation |
|
47 / 205 page ![]() SMSC DS – LPC47M14X Page 47 Rev. 03/19/2001 FORMAT A TRACK DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 MFM 0 0 1 1 0 1 Command Codes W 0 0 0 0 0 HDS DS1 DS0 W N Bytes/Sector W SC Sectors/Cylinder W GPL Gap 3 W D Filler Byte Execution for Each Sector Repeat: W C Input Sector Parameters W H W R W N FDC formats an entire cylinder Result R ST0 Status information after Command execution R ST1 R ST2 R Undefined R Undefined R Undefined R Undefined RECALIBRATE DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 0 1 1 1 Command Codes W 0 0 0 0 0 0 DS1 DS0 Execution Head retracted to Track 0 Interrupt. SENSE INTERRUPT STATUS DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 1 0 0 0 Command Codes Result R ST0 Status information at the end of each seek operation. R PCN SPECIFY DATA BUS PHASE R/W D7 D6 D5 D4 D3 D2 D1 D0 REMARKS Command W 0 0 0 0 0 0 1 1 Command Codes W SRT HUT W HLT ND |