| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4225-RPM bảng dữ liệu(PDF) 2 Page - TEKTRONIX, INC. |
|
|
|||||||||||||||||||||||||||||
4225-RPM bảng dữ liệu(HTML) 2 Page - TEKTRONIX, INC. |
|
2 / 45 page ![]() Datasheet TEK.COM 2 TEK.COM 3 4200A-SCS Parameter Analyzer Project Tree lets you organize tests and control test sequencing without writing code The Ultimate Parameter Analyzer for Materials, Semiconductor Devices and Process Development Perform I-V, C-V and pulsed I-V characterization with speed, clarity and confidence with the powerful Clarius software. Headphone jack to listen to instructional measurement videos USB 3.0 and 2.0 ports for use with keyboards, mouse and flashdrives More than 450 application tests jumpstart your testing Built-in audio speakers Tag and organize test results Built-in ground unit Standard ports include: USB, Ethernet, VGA, serial, DisplayPort, HDMI, audio jacks CVU instrument Add up to six dual-channel PMU instruments Accepts up to nine medium or high power SMUs and optional remote preamplifiers Large 15.6-inch touchscreen (1920×1080) HD display enables easier interactive testing 4200A-SCS can be rack mounted or installed on a bench Power on Solid-state hard drive facilitates fast start-ups and data storage/transfer Context-sensitive embedded videos for measurement and troubleshooting guidance |