| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC05JB3 bảng dữ liệu(PDF) 97 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05JB3 bảng dữ liệu(HTML) 97 Page - Freescale Semiconductor, Inc |
|
97 / 134 page ![]() November 5, 1998 GENERAL RELEASE SPECIFICATION MC68HC05JB3 UNIVERSAL SERIAL BUS MODULE MOTOROLA REV 1 10-29 Figure 10-29. OUT Token Data Flow for Receive Endpoint 0 Valid OUT token received for Endpoint 0 Endpoint 0 Receive Enabled? (USBEN = 1) Endpoint 0 Receive Ready to Receive? (RX0E = 1) && (RXD0F = 0) Error free DATA packet? No Response from USB function Send NAK Handshake Ignore transaction No response from USB function Set RXD0F to 1 Receive Control Endpoint Interrupt Enabled? (RXD0IE = 1) No Interrupt Valid transaction Interrupt generated Endpoint 0 Receive Not Stalled? (STALL0 = 0) Send STALL Handshake Accept Data Valid DATA token received for Endpoint 0? No Response from USB function Time-out N N N N N N Y Y Y Y Y Y Y Set/clear RSEQ bit Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |