| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC05JB3 bảng dữ liệu(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05JB3 bảng dữ liệu(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 134 page ![]() November 5, 1998 GENERAL RELEASE SPECIFICATION MC68HC05JB3 MEMORY MOTOROLA REV 1 2-1 SECTION 2 MEMORY The MC68HC05JB3 has 8k-bytes of addressable memory, with 64 bytes of I/O, 144 bytes of user RAM, and 2560 bytes of user ROM, as shown in Figure 2-1. Figure 2-1. MC68HC05JB3 Memory Map $1FF7 $1FF8 $1FF9 $1FFA $1FFB $1FFC $1FFD $1FFE $1FFF $003F $0000 $1FF6 $1FF3 $1FF4 $1FF5 $1FF2 $1FF1 Reserved USB Vector (Low Byte) Timer1 Vector (Low Byte) USB Vector (High Byte) Timer1 Vector (High Byte) MFT Vector (Low Byte) MFT Vector (High Byte) Reserved $1FF0 Reserved Reserved IRQ Vector (High Byte) IRQ Vector (Low Byte) SWI Vector (High Byte) SWI Vector (Low Byte) Reset Vector (High Byte) Reset Vector (Low Byte) I/O Registers 64 Bytes I/O Registers 64 Bytes $0000 $003F $0040 $006F Unused 48 Bytes User RAM 144 Bytes 64 Byte Stack $0070 $00C0 $00FF $0100 $13FF Unused 4864 Bytes $1400 $1DFF $1E00 $1FEF User ROM 2560 Bytes Self-Check ROM 496 Bytes User Vectors 16 Bytes $1FF0 $1FFF Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |