| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSD1963QL9 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 93 page ![]() Solomon Systech Jan 2010 P 6/93 Rev 1.1 SSD1963 TABLES TABLE 3-1: ORDERING INFORMATION ...................................................................................................................................8 TABLE 5-1: TFBGA PIN ASSIGNMENT TABLE.....................................................................................................................10 TABLE 5-2 : LQFP PIN ASSIGNMENT TABLE .......................................................................................................................12 TABLE 6-1: MCU INTERFACE PIN MAPPING........................................................................................................................13 TABLE 6-2: LCD INTERFACE PIN MAPPING.........................................................................................................................14 TABLE 6-3: CONTROL SIGNAL PIN MAPPING.......................................................................................................................14 TABLE 6-4: POWER PIN MAPPING........................................................................................................................................14 TABLE 6-5 : LCD INTERFACE PIN MAPPING ........................................................................................................................15 TABLE 7-1: PIXEL DATA FORMAT .......................................................................................................................................17 TABLE 7-2: FRAME BUFFER SETTINGS REGARDING TO SET_ADDRESS_MODE COMMAND ....................................................19 TABLE 9-1 ENTER IDLE MODE MEMORY CONTENT VS DISPLAY COLOR ...............................................................................41 TABLE 10-1: MAXIMUM RATINGS (VOLTAGE REFERENCED TO VSS) ...................................................................................79 TABLE 11-1: RECOMMENDED OPERATING CONDITION........................................................................................................79 TABLE 12-1 : DC CHARACTERISTICS ...................................................................................................................................80 TABLE 13-1 : CLOCK INPUT REQUIREMENTS FOR CLK .......................................................................................................80 TABLE 13-2 : CLOCK INPUT REQUIREMENTS FOR CRYSTAL OSCILLATOR XTAL .................................................................80 TABLE 13-3: PARALLEL 6800-SERIES INTERFACE TIMING CHARACTERISTICS (USE CS# AS CLOCK)...................................81 TABLE 13-4: PARALLEL 6800-SERIES INTERFACE TIMING CHARACTERISTICS (USE E AS CLOCK) .......................................82 TABLE 13-5: PARALLEL 8080-SERIES INTERFACE TIMING CHARACTERISTICS.....................................................................83 |