công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSD1963QL9 bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện SSD1963QL9
Giải thích chi tiết về linh kiện  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
Solomon Systech
Jan 2010
P 10/93
Rev 1.1
SSD1963
5
PIN ARRANGEMENT
5.1
80 balls TFBGA
Figure 5-1: Pinout Diagram –TFBGA (Topview)
Table 5-1: TFBGA Pin Assignment Table
Pin #
Signal Name
Pin #
Signal Name
Pin #
Signal Name
Pin #
Signal Name
Pin #
Signal Name
A1
-
C1
VDDLCD
E1
LDATA4
G1
D[22]
J1
D[20]
A2
LDATA16
C2
LDATA12
E2
LDATA3
G2
D[23]
J2
D[16]
A3
LDATA15
C3
LDATA11
E3
LDATA2
G3
D[18]
J3
D[14]
A4
GAMAS1
C4
LDATA10
E4
LDATA1
G4
D[13]
J4
D[11]
A5
TE
C5
LDATA9
E5
VSS
G5
D[10]
J5
D[8]
A6
LSHIFT
C6
LDEN
E6
VDDD
G6
D[7]
J6
D[5]
A7
GPIO2
C7
LDATA17
E7
R/W# (WR#)
G7
D/C#
J7
RESET#
A8
GPIO1
C8
LDATA21
E8
D[4]
G8
D[2]
J8
VSS
A9
GPIO0
C9
XTAL_IN
E9
VDDPLL
G9
D[1]
J9
VDDIO
B1
VDDLCD
D1
VSS
F1
LDATA18
H1
D[21]
B2
LDATA14
D2
LDATA8
F2
LDATA19
H2
D[17]
B3
LDATA13
D3
LDATA7
F3
LDATA0
H3
D[15]
B4
GAMAS0
D4
LDATA6
F4
D[19]
H4
D[12]
B5
PWM
D5
LDATA5
F5
VSS
H5
D[9]
B6
LLINE
D6
LFRAME
F6
VDDD
H6
D[6]
B7
GPIO3
D7
LDATA23
F7
E(RD#)
H7
CS#
B8
LDATA20
D8
LDATA22
F8
D[3]
H8
CONF
B9
XTAL_OUT
D9
VSSPLL
F9
CLK
H9
D[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93