| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSD1963QL9 bảng dữ liệu(PDF) 43 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1963QL9 bảng dữ liệu(HTML) 43 Page - List of Unclassifed Manufacturers |
|
43 / 93 page ![]() SSD1963 Rev 1.1 P 43/93 Jan 2010 Solomon Systech 9.30 set_tear_scanline Command 0x44 Parameters 2 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 1 0 0 0 1 0 0 44 Parameter 1 1 N15 N14 N13 N12 N11 N10 N9 N8 xx Parameter 2 1 N7 N6 N5 N4 N3 N2 N1 N0 xx Description TE signal is sent from the SSD1963 to the host processor when the display panel refresh reaches the provided scanline, N. N[15:8] : High byte of the scanline (POR = 00000000) N[7:0] : Low byte of the scanline (POR = 00000000) Note : Set Tear Scanline with N = 0 is equivalent to set_tear_on (0x35) A[0] = 0. This command takes affect on the frame following the current frame. Therefore, if the Tear Effect (TE) signal is already ON, the TE output shall continue to operate as programmed by the previous set_tear_on (0x35) or set_tear_scanline (0x44) until the end of the frame. 9.31 get_scanline Command 0x45 Parameters 2 D/C D7 D6 D5 D4 D3 D2 D1 D0 Hex Command 0 0 1 0 0 0 1 0 1 45 Parameter 1 1 N15 N14 N13 N12 N11 N10 N9 N8 xx Parameter 2 1 N7 N6 N5 N4 N3 N2 N1 N0 xx Description Get the current scan line, N. N[15:8] : High byte of the current scanline (POR = 00000000) N[7:0] : Low byte of the current scanline (POR = 00000000) |