| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSD1926QL9 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1926QL9 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 47 page ![]() Solomon Systech Dec 2007 P 4/47 Rev 1.2 SSD1926 TABLES TABLE 3-1 : ORDERING INFORMATION ..................................................................................................................................8 TABLE 5-1 : LQFP PIN ASSIGNMENT TABLE .......................................................................................................................11 TABLE 6-1 : HOST INTERFACE PIN DESCRIPTIONS ...............................................................................................................12 TABLE 6-2 : MCU INTERFACE PIN DESCRIPTIONS ...............................................................................................................13 TABLE 6-3 : DISPLAY INTERFACE PIN DESCRIPTIONS ..........................................................................................................14 TABLE 6-4 : MMC/SD/SDIO INTERFACE PIN DESCRIPTIONS..............................................................................................15 TABLE 6-5 : CONFIGURATION PIN DESCRIPTIONS ................................................................................................................16 TABLE 6-6 : MISCELLANEOUS PIN DESCRIPTIONS ...............................................................................................................16 TABLE 6-7 : POWER AND GROUND PIN DESCRIPTIONS ........................................................................................................16 TABLE 6-8 : SUMMARY OF CONFIGURATION PINS................................................................................................................17 TABLE 6-9 : HOST BUS INTERFACE PIN MAPPING................................................................................................................18 TABLE 6-10 : LCD INTERFACE PIN MAPPING ......................................................................................................................18 TABLE 6-11 : DATA BUS ORGANIZATION ............................................................................................................................19 TABLE 6-12 : PIN STATE SUMMARY ....................................................................................................................................19 TABLE 8-1: ABSOLUTE MAXIMUM RATINGS .......................................................................................................................29 TABLE 8-2 : RECOMMENDED OPERATING CONDITIONS .......................................................................................................29 TABLE 9-1 : ELECTRICAL CHARACTERISTICS FOR IOVDD = 3.3V TYPICAL ..........................................................................30 TABLE 10-1 : CLOCK INPUT REQUIREMENTS FOR CLKI ......................................................................................................31 TABLE 10-2 : OSCILLATOR CLOCK INPUT REQUIREMENTS FOR CLKI2 ...............................................................................31 TABLE 10-3 : GENERIC #1 INTERFACE TIMING ....................................................................................................................33 TABLE 10-4 : GENERIC #2 INTERFACE TIMING ....................................................................................................................35 TABLE 10-5 : 8080 INTERFACE TIMING ...............................................................................................................................36 |