| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST33TPHF20I2C bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF20I2C bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 47 page ![]() FIPS140-2 SECURITY POLICY Page 33 of 47 NON-PROPRIETARY DOCUMENT Services Role Keys and CSP access W = write, O = output, Z = zeroize C = used as key in cryptographic operation R = read (and not used as C) Authorized in limited approved mode 93 TPM2_ClockSet CO R : 13, 15 C : 9, 11 94 TPM2_ClockRateAdjust CO R : 13, 15 C : 9, 11 Capability Commands 95 TPM2_GetCapability NA - X 96 TPM2_TestParms NA - X Non-volatile storage 97 TPM2_NV_DefineSpace CO R : 13, 15, 18 W : 24, 25, 28, 38, 48 C : 9, 11, 27, 28, 38, 48 98 TPM2_NV_UndefineSpace CO W : 38, 48 C : 27, 38, 48 Z : 24, 25 99 TPM2_NV_UndefineSpaceSpecial CO, A W : 38, 48 C : 27, 38, 48 Z : 24, 25 100 TPM2_NV_ReadPublic NA C: 28 X 101 TPM2_NV_Write U W : 28, 38, 48 R : 25 C : 27, 28, 38, 48 102 TPM2_NV_Increment U W : 38, 48 R : 25 C : 27, 38, 48 103 TPM2_NV_Extend U W : 28, 38, 48 R : 25 C : 27, 28, 38, 48 104 TPM2_NV_SetBits U W : 38, 48 R : 25 C : 27, 38, 48 105 TPM2_NV_WriteLock U W : 38, 48 R : 25 C : 27, 38, 48 106 TPM2_NV_GlobalWriteLock CO W : 38, 48 C : 27, 38, 48 107 TPM2_NV_Read U W : 28, 38, 48 R : 25 C : 27, 28, 38, 48 108 TPM2_NV_ReadLock U W : 38, 48 R : 25 C : 27, 38, 48 109 TPM2_NV_ChangeAuth A W : 24, 28, 38, 48 C : 27, 28, 38, 48 |