| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST33TPHF20I2C bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF20I2C bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 47 page ![]() FIPS140-2 SECURITY POLICY Page 29 of 47 NON-PROPRIETARY DOCUMENT Services Role Keys and CSP access W = write, O = output, Z = zeroize C = used as key in cryptographic operation R = read (and not used as C) Authorized in limited approved mode 16 TPM2_ObjectChangeAuth A R : 18 W : 17, 28, 38, 48 C : 27, 28, 38, 48 Duplication commands 17 TPM2_Duplicate D R : 18 W : 28, 31, 32, 33, 34, 38, 48 C : 27, 28, 31, 32, 33, 34, 38, 48 O : 23, 31, 32 18 TPM2_Rewrap U R : 18, 32 W : 28, 31, 32, 33, 34, 38, 48 C : 27, 28, 31, 32, 33, 34, 38, 48 O : 23, 31, 32 19 TPM2_Import U R : 18, 32 W : 28, 31, 33, 34, 38, 48 C : 27, 28, 31, 32, 33, 34, 38, 48 O : 23 Asymmetric primitives 20 TPM2_RSA_Encrypt NA C: 28 21 TPM2_RSA_Decrypt U R : 18 W : 28, 38, 48 C : 23, 27, 28, 38, 48 22 TPM2_ECDH_KeyGen NA W : 28, 41 C : 28, 41 23 TPM2_ECDH_ZGen U R : 18 W : 28, 38, 48 C : 23, 27, 28, 38, 48 24 TPM2_ECC_Parameters NA - X 25 TPM2_ZGen_2Phase U R : 18 W : 28, 38, 48 C : 23, 27, 28, 38, 40, 48 Symmetric primitives 26 TPM2_EncryptDecrypt U R : 18 W : 28, 38, 48 C : 23, 27, 28, 38, 48 27 TPM2_Hash NA W: 28 C: 28 28 TPM2_HMAC U R : 18 W : 28, 38, 48 C : 23, 27, 28, 38, 48 Random number generator 29 TPM2_GetRandom NA C : 28, 38, 48 X 30 TPM2_StirRandom NA W : 28, 38, 48 C: 28 X Hash/HMAC/Event sequences |