| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST33TPHF20I2C bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF20I2C bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 47 page ![]() FIPS140-2 SECURITY POLICY Page 30 of 47 NON-PROPRIETARY DOCUMENT Services Role Keys and CSP access W = write, O = output, Z = zeroize C = used as key in cryptographic operation R = read (and not used as C) Authorized in limited approved mode 31 TPM2_HMAC_Start U R : 18 W : 17, 28, 38, 48 C : 23, 27, 28, 38, 48 32 TPM2_HashSequenceStart NA W: 17, 28 C: 28 X 33 TPM2_SequenceUpdate U R : 18 W : 28, 38, 48 C : 23, 27, 28, 38, 48 34 TPM2_SequenceComplete U R : 18 W : 28, 38, 48 C : 23, 27, 28, 38, 48 35 TPM2_EventSequenceComplete U R : 18 W : 28, 38, 48 C : 23, 27, 28, 38, 48 Attestation commands 36 TPM2_Certify A, U R : 18 W : 28, 38, 48 C : 8, 23, 27, 28, 38, 48 37 TPM2_CertifyCreation U R : 18 W : 28, 38, 48 C : 8, 23, 27, 28, 38, 48 38 TPM2_Quote U R : 18 W : 28, 38, 48 C : 8, 23, 27, 28, 38, 48 39 TPM2_GetSessionAuditDigest CO R : 18 W : 28, 38, 48 C : 8, 23, 27, 28, 38, 48 40 TPM2_GetCommandAuditDigest CO R : 18 W : 28, 38, 48 C : 8, 23, 27, 28, 38, 48 41 TPM2_GetTime CO R : 18 W : 28, 38, 48 C : 8, 23, 27, 28, 38, 48 Ephemeral EC keys 43 TPM2_EC_Ephemeral NA W : 28, 40 C : 28, 39 Signing and signature verification 44 TPM2_VerifySignature NA R : 23 W : 28 C : 5, 6, 7, 8, 28 45 TPM2_Sign U R : 18 W : 28, 38, 48 C : 5, 6, 7, 8, 23, 27, 28, 38, 48 Command audit |