công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMB18AFAM10 bảng dữ liệu(PDF) 9 Page - Banner Engineering Corp.

tên linh kiện SMB18AFAM10
Giải thích chi tiết về linh kiện  MINI-BEAM SME312 Expert Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18AFAM10 bảng dữ liệu(HTML) 9 Page - Banner Engineering Corp.

Back Button SMB18AFAM10 Datasheet HTML 5Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 6Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 7Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 8Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 9Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 10Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 11Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 12Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 13Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Glass Fiber Optic
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
.1 m
.33'
1 m
3.3'
10 m
33'
.01 m
.033'
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312F
Opposed Mode
Glass Fibers
IT23S Fibers
w/L9 lenses
IT23S
Fibers
IT13S
Fibers
500 mm
20"
400 mm
16"
300 mm
12"
200 mm
8"
100 mm
4"
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1"
2"
3"
1"
2"
3"
DISTANCE
SME312F
Opposed Mode
IT13S
IT23S
1
10
100
10 mm
.4"
100 mm
4"
1000 mm
40"
1 mm
.04"
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312F
Diffuse Mode
Glass Fibers
BT23S Fiber
BT13S Fiber
37.5 mm
1.5"
30 mm
1.2"
22.5 mm
0.9"
15 mm
0.6"
7.5 mm
0.3"
0
0
0.65 mm
1.3 mm
1.9 mm
0.65 mm
1.3 mm
1.9 mm
0
0.025 "
0.050 "
0.075 "
0.025 "
0.050 "
0.075 "
DISTANCE
SME312F
Diffuse Mode
BT23S
BT13S
1
10
100
10 mm
.40"
100 mm
4.0"
1000 mm
40"
1 mm
.04"
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312FV
Opposed Mode
IT13S Fiber
IT23S Fiber
250 mm
10"
200 mm
8"
150 mm
6"
100 mm
4"
50 mm
2"
0
0
25 mm
50 mm
75 mm
25 mm
50 mm
75 mm
0
1"
2"
3"
1"
2"
3"
DISTANCE
SME312FV
Opposed Mode
IT13S
IT23S
1
10
100
1 mm
.04"
10 mm
.40"
100 mm
4"
.1 mm
.004 "
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312FV
Diffuse Mode
BT23S Fiber
BT13S Fiber
25 mm
1.0"
20 mm
0.8"
15 mm
0.6"
10 mm
0.4"
5 mm
0.2"
0
0
0.65 mm
1.30mm
1.95 mm
0.65 mm
1.30 mm
1.95 mm
0
0.025 "
0.050 "
0.075 "
0.025 "
0.050 "
0.075 "
DISTANCE
SME312FV
Diffuse Mode
BT23S
BT13S
1
10
100
1 mm
0.04 "
10 mm
0.40 "
100 mm
4.0"
.1 mm
.004 "
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312FVG
SME312FVB
SME312FVW
Diffuse Mode
BT23S Fiber
BT13S Fiber
40 mm
1.5"
32 mm
1.2"
24 mm
0.9"
16 mm
0.6"
8 mm
0.3"
0
0
1.0 mm
1.0 mm
0
0.04"
0.04"
2.0 mm
0.08"
3.0 mm
2.0 mm
0.08"
0.12"
3.0 mm
0.12"
DISTANCE
BT23S
BT13S
SME312FVG
SME312FVB
SME312FVW
Diffuse Mode
Plastic Fiber Optic
Excess Gain
Beam Pattern
Excess Gain
Beam Pattern
1
10
100
10 mm
.40"
100 mm
4.0"
1000 mm
40"
1 mm
.04"
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312FP
Opposed Mode
Plastic Fibers
PIT46U Fiber
PIT26U Fiber
125 mm
5"
100 mm
4"
75 mm
3"
50 mm
2"
25 mm
1"
0
0
15 mm
30 mm
45 mm
15 mm
30 mm
45 mm
0
0.6"
1.2"
1.8"
0.6"
1.2"
1.8"
DISTANCE
SME312FP
Opposed Mode
PIT46U
PIT26U
1
10
100
1 mm
.04"
10 mm
.4"
100 mm
4"
.1 mm
.004 "
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SME312FP
Diffuse Mode
Plastic Fibers
PBT46U Fiber
PBT26U Fiber
37.5 mm
1.5"
30 mm
1.2"
22.5 mm
0.9"
15 mm
0.6"
7.5 mm
0.3"
0
0
1.2 mm
2.5 mm
3.8 mm
1.2 mm
2.5 mm
3.8 mm
0
0.05 "
0.10 "
0.15 "
0.05 "
0.10 "
0.15 "
DISTANCE
SME312FP
Diffuse Mode
PBT46U
PBT26U
MINI-BEAM SME312 Expert Series
P/N 55214 Rev. G
www.bannerengineering.com - Tel: +1-763-544-3164
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com