công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMB18AFAM10 bảng dữ liệu(PDF) 6 Page - Banner Engineering Corp.

tên linh kiện SMB18AFAM10
Giải thích chi tiết về linh kiện  MINI-BEAM SME312 Expert Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMB18AFAM10 bảng dữ liệu(HTML) 6 Page - Banner Engineering Corp.

Back Button SMB18AFAM10 Datasheet HTML 2Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 3Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 4Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 5Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 6Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 7Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 8Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 9Page - Banner Engineering Corp. SMB18AFAM10 Datasheet HTML 10Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Specifications
Supply Voltage and Current
10 V dc to 30 V dc (10% maximum ripple) at less than 45 mA,
exclusive of load
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Adjustments
Push-button TEACH mode sensitivity setting; remote TEACH mode
input is provided
Indicators
Two LEDs: amber and bi-color green/red
Construction
Reinforced thermoplastic polyester housing, totally encapsulated, o-
ring seal, acrylic lenses, and stainless steel screws.
Required Overcurrent Protection
WARNING: Electrical connections must be made by
qualified personnel in accordance with local and
national electrical codes and regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via
Current Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to http://
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Connections
PVC-jacketed 5-conductor 2 m (6.5 ft) or 9 m (30 ft) unterminated
cable, or 5-pin Euro-style quick-disconnect (QD) fitting are available.
QD cables are ordered separately.
Application Notes
The first condition presented during TEACH mode becomes the output
ON condition.
Output Configuration
Bipolar: One current sourcing (PNP) and one current sinking (NPN)
open-collector transistor
Output Rating
150 mA maximum each output at 25° C, derated to 100 mA at 70° C
(derate ≈1 mA per °C)
Off-state leakage current: less than 5 μA at 30 V dc
ON-state saturation current: less than 1 V at 10 mA; less than 1.5 V at
150 mA
Output Protection Circuitry
Protected against false pulse on power-up and continuous overload or
short-circuit of outputs
Output Response Time
Sensors will respond to either a “light” or a “dark” signal of 500
microseconds or longer duration, 1 kHz max.
NOTE: 1 second delay on power-up; outputs do not
conduct during this time.
Repeatability
100 microseconds (all models)
Rating
Meets NEMA standards 1, 2, 3, 3S, 4, 4X, 6, 12, and 13; IEC IP67
Operating Conditions
Temperature: –20° to +70° C (–4° to +158° F)
Max. Relative Humidity: 90% at 50° C (non-condensing)
Dimensions
Cabled Models
(Suffix E, EL, EPD, R, RL, RPD, LV, LVAG, LP, LPC, D, C, C2,
CV, CV2, CVG, CV2G, CVB, CV2B, CVW )
3.2 mm (0.13”)
12.2 mm (0.48”)
3 mm dia Clearance (2)
M18 × 1 × 15 mm Thread
(Mounting nut supplied)
27.4 mm (1.08”)
53.3 mm (2.10”)
19.1 mm (0.75”)
Mounting peg
(6.3 mm dia × 2.5 mm)
2 m (6.5’) Cable
30.7 mm
(1.21”)
24.1 mm
(0.95”)
Divergent Diffuse Models
(Suffix DBZ and W)
3 mm dia Clearance (2)
Bezel
18.0 mm (0.71”)
13.2 mm (0.52”)
39.1 mm
(1.54”)
MINI-BEAM SME312 Expert Series
6
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 55214 Rev. G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com