công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D10AFPG bảng dữ liệu(PDF) 6 Page - Banner Engineering Corp.

tên linh kiện D10AFPG
Giải thích chi tiết về linh kiện  D10?봁iscrete Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10AFPG bảng dữ liệu(HTML) 6 Page - Banner Engineering Corp.

  D10AFPG Datasheet HTML 1Page - Banner Engineering Corp. D10AFPG Datasheet HTML 2Page - Banner Engineering Corp. D10AFPG Datasheet HTML 3Page - Banner Engineering Corp. D10AFPG Datasheet HTML 4Page - Banner Engineering Corp. D10AFPG Datasheet HTML 5Page - Banner Engineering Corp. D10AFPG Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Red Beam Models
High-Speed Red Beam Models
Green Beam Models
(2.4")
(2.4")
(1.2")
(1.2")
(3.5")
(3.5")
150 mm
(5.9")
120 mm
(4.7")
90 mm
(3.5")
60 mm
(2.4")
30 mm
(1.2")
0
-30 mm
-60 mm
-90 mm
30 mm
60 mm
90 mm
DISTANCE
D10AFP
Diffuse Mode Red
with PBT..U Fiber
0
0
PBT66U
PBT46U
PBT26U
(3.1")
(3.1")
(1.6")
(1.6")
(4.7")
(4.7")
125 mm
(4.9")
100 mm
(3.9")
75 mm
(2.9")
50 mm
(1.9")
25 mm
(0.98")
0
-40 mm
-80 mm
-120 mm
40 mm
80 mm
120 mm
DISTANCE
D10AFPY
Diffuse Mode Red
with PBT..U Fiber
0
0
PBT46U
PBT66U
PBT26U
(0.9")
(0.9")
(0.6")
(0.6")
(1.4")
(1.4")
50 mm
(1.9")
40 mm
(1.6")
30 mm
(1.2")
20 mm
(0.8")
10 mm
(0.4")
0
-15 mm
-25 mm
-35 mm
15 mm
25 mm
35 mm
DISTANCE
D10AFPG..
Diffuse Mode
Green with PBT..U
Fiber
0
0
PBT46U
PBT46U
Accessories
4-Pin Snap-on M8/Pico-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
PKG4-2
2 m (6.56 ft)
Straight
ø 9.0
32 Typ.
4
3
1
2
1 = Brown
2 = White
3 = Blue
4 = Black
PKW4Z-2
2 m (6.56 ft)
Right-Angle
ø 10.9
29 Typ.
15 Typ.
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp.
will repair or replace, free of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty
period. This warranty does not cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION,
ANY WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE
OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE
LIABLE TO BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL,
CONSEQUENTIAL OR SPECIAL DAMAGES RESULTING FROM ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER
ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product
previously manufactured by Banner Engineering Corp. Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection
applications when the product is identified as not intended for such purposes will void the product warranty. Any modifications to this product without prior express approval
by Banner Engineering Corp will void the product warranties. All specifications published in this document are subject to change; Banner reserves the right to modify product
specifications or update documentation at any time. Specifications and product information in English supersede that which is provided in any other language. For the most
recent version of any documentation, refer to: www.bannerengineering.com.
D10—Discrete Output
© Banner Engineering Corp. All rights reserved



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com