công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D10AFPG bảng dữ liệu(PDF) 5 Page - Banner Engineering Corp.

tên linh kiện D10AFPG
Giải thích chi tiết về linh kiện  D10?봁iscrete Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BANNER [Banner Engineering Corp.]
Trang chủ  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

D10AFPG bảng dữ liệu(HTML) 5 Page - Banner Engineering Corp.

  D10AFPG Datasheet HTML 1Page - Banner Engineering Corp. D10AFPG Datasheet HTML 2Page - Banner Engineering Corp. D10AFPG Datasheet HTML 3Page - Banner Engineering Corp. D10AFPG Datasheet HTML 4Page - Banner Engineering Corp. D10AFPG Datasheet HTML 5Page - Banner Engineering Corp. D10AFPG Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Performance Curves
Opposed Mode
Red Beam Models
High-Speed Red Beam Models
Green Beam Models
1
10
100
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
10 mm
(0.4")
100 mm
(4.0")
1000 mm
(40.0")
1 mm
(.04")
PIT26U
PIT16U
D10AFP
Opposed Mode
Red with PIT..U
Fiber
PIT46U
PIT66U
1
10
100
10 mm
(0.4")
100 mm
(4.0")
1000 mm
(40.0")
1 mm
(.04")
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
PIT26U
PIT16U
PIT46U
PIT66U
D10AFPY
Opposed Mode
Red with PIT..U
Fiber
1
10
100
10 mm
(0.4")
100 mm
(4.0")
1000 mm
(40.0")
1 mm
(.04")
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
PIT26U
PIT46U
PIT66U
D10AFPG
D10AFPGY
Opposed Mode
Green with PIT..U
Fiber
(1.9")
(3.9")
(5.9")
(1.9")
(3.9")
(5.9")
500 mm
(19.8")
400 mm
(15.7")
300 mm
(11.8")
200 mm
(7.9")
100 mm
(3.9")
0
0
-50 mm
-100 mm
-150 mm
50 mm
100 mm
150 mm
0
DISTANCE
(0.2")
(0.4")
(0.6")
(0.2")
(0.4")
(0.6")
60 mm
(2.4")
45 mm
(1.8")
35 mm
(1.4")
25 mm
(0.98")
15 mm
(0.6")
0
0
-5 mm
-10 mm
-15 mm
5 mm
10 mm
15 mm
0
DISTANCE
D10AFP
Opposed Mode
Red with PIT..U
Fiber
D10AFP
Opposed Mode
Red with PIT..U
Fiber
PIT66U
PIT46U
PIT16U
PIT26U
(1.2")
(2.4")
(3.5")
(1.2")
(2.4")
(3.5")
500 mm
(19.8")
400 mm
(15.7")
300 mm
(11.8")
200 mm
(7.9")
100 mm
(3.9")
0
0
-30 mm
-60 mm
-90 mm
30 mm
60 mm
90 mm
0
DISTANCE
D10AFPY
Opposed Mode Red
with PIT..U Fiber
(0.2")
(0.4")
(0.6")
(0.2")
(0.4")
(0.6")
50 mm
(1.9")
40 mm
(1.6")
30 mm
(1.2")
20 mm
(0.8")
10 mm
(0.4")
0
0
-5 mm
-10 mm
-15 mm
5 mm
10 mm
15 mm
0
DISTANCE
D10AFPY
Opposed Mode Red
with PIT..U Fiber
PIT66U
PIT46U
PIT16U
PIT26U
(0.8")
(1.6")
(2.4")
(0.8")
(1.6")
(2.4")
150 mm
(5.9")
120 mm
(4.7")
90 mm
(3.5")
60 mm
(2.4")
30 mm
(1.2")
0
0
-20 mm
-40 mm
-60 mm
20 mm
40 mm
60 mm
0
DISTANCE
D10AFG..
Opposed Mode
Green with PIT..U
Fiber
PIT66U
PIT26U
PIT46U
Diffuse Mode
Red Beam Models
High-Speed Red Beam Models
Green Beam Models
1
10
100
10 mm
(0.4")
100 mm
(4.0")
1000 mm
(40.0")
1 mm
(.04")
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
D10AFP
Diffuse Mode Red
with PBT..U fibers
PBT26U
PBT46U
PBT66U
1
10
100
10 mm
(0.4")
100 mm
(4.0")
1000 mm
(40.0")
1 mm
(.04")
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
D10AFPY
Diffuse Mode Red
with PBT..U fibers
PBT46U
PBT66U
PBT26U
1
10
100
10 mm
(0.4")
100 mm
(4.0")
1000 mm
(40.0")
1 mm
(.04")
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
D10AFPG..
Diffuse Mode
Green with PBT..U
fibers
PBT46U
PBT46U
D10—Discrete Output
P/N 118431 Rev. B
www.bannerengineering.com - Tel: +1-763-544-3164
5



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com