| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RMASMS535ATF03 bảng dữ liệu(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION |
|
|
|||||||||||||||||||||||||||||
RMASMS535ATF03 bảng dữ liệu(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION |
|
5 / 15 page ![]() Approval Sheet Page 5 of 15 ASC_RMASMS535ATF03_V03 Jul. 2018 Operating States The RMASMS535ATF03 has four operating states, that are ACTIVE, SHUTDOWN, STATUP and LOW POWER. The transitions between these four states are set writing the PWR_MODE register or VIO as shown in Figure 4. The internal circuit operations in each operating state are shown in Table 4. Figure 4. Slave State Diagram Table 4. RMASMS535ATF03 Internal Operations (Note 1) Operating State RFFE Slave Controller RF Switch Core Charge Pump SHUTSOWN Inactive Undetermined (Note1) Off STARTUP All registers are set to Default value Undetermined (Note1) Off ACTIVE Active Controllable by mipi-command On LOW POWER Active Undetermined (Note1) Off Note 1 : All switch are insufficiently On or Off as the Charge pump is not powered up. Figure 5. LOW POWER to AVTIVE Process Note 2 : Vcp is the output voltage of internal charge-pump circuit. The Vcp traces in above figure are only image for illustrative purpose. SHUTDOWN LOW POWER STARTUP (All Resisters Reset to Default) ACTIVE PWR_MODE=0b10 PWR_MODE=0b00 VIO=HIGH VIO=LOW PWR_MODE=0b01 (automatic) Register Write Command (PWR_MODE=0b00) SCLK SDATA Vcp (note2) Slave State Tsu RF switch activate time SSC P BP (During this transition, don ’t write Switch_State Register) ACTIVE state LOWPOWER state |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |