| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM643 bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM643 bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 160 page ![]() www.ti.com ACE3 AECLKOUT1 AED[63:0] ACE2 ACE1 ACE0 AEA[22:3] ABE7 ABE6 ABE5 ABE4 AARDY Data Memory Map Space Select Address Byte Enables 64 20 External Memory I/F Control EMIFA (64-bit) AECLKIN AHOLD AHOLDA ABUSREQ Bus Arbitration AARE/ASDCAS/ASADS/ASRE ASDCKE AECLKOUT2 ASOE3 ABE3 ABE2 ABE1 ABE0 AAOE/ASDRAS/ASOE AAWE/ASDWE/ASWE APDT VDAC/GP0[8] VCXO Interpolated Control Port (VIC) Data HHWIL HCNTL0 HCNTL1 Data Register Select Half-Word Select Control HPI (Host-Port Interface) 32 HD[15:0] HAS HR/W HCS HDS1 HDS2 HRDY HINT (HPI16 ONLY) HD[31:16](A) A. These HPI data pins (HD[31:16], excluding HD[23]) are muxed with the EMAC peripheral. By default, these pins function as HPI. For more details on the EMAC pin functions, see the Ethernet MAC (EMAC) peripheral signals section and the terminal functions table portions of this data sheet. TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005 Figure 2-8. EMIFA/VIC Peripheral Signals Figure 2-9. HPI Peripheral Signals 22 Device Overview |