công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D17133CS bảng dữ liệu(PDF) 14 Page - NEC

tên linh kiện D17133CS
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

D17133CS bảng dữ liệu(HTML) 14 Page - NEC

Back Button D17133CS Datasheet HTML 10Page - NEC D17133CS Datasheet HTML 11Page - NEC D17133CS Datasheet HTML 12Page - NEC D17133CS Datasheet HTML 13Page - NEC D17133CS Datasheet HTML 14Page - NEC D17133CS Datasheet HTML 15Page - NEC D17133CS Datasheet HTML 16Page - NEC D17133CS Datasheet HTML 17Page - NEC D17133CS Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 289 page
background image
– ix –
LIST OF TABLES (1/1)
Table No.
Title
Page
2-1
Handling Unused Pins ............................................................................................................
17
4-1
Vector Address for the
µPD17120 Subseries ........................................................................
25
6-1
Operation of the Stack Pointer ..............................................................................................
37
6-2
Operation of the Stack Pointer during Execution ..................................................................
38
6-3
Stack Operation during Table Reference ...............................................................................
38
6-4
Stack Operation during Interrupt Receipt and Return ............................................................
39
6-5
Stack Operation during the PUSH and POP Instructions ......................................................
39
7-1
Address-modified Instruction Statements .............................................................................
49
7-2
Zero Flag (Z) and Compare Flag (CMP) ..................................................................................
63
10-1
Peripheral Hardware ..............................................................................................................
81
11-1
List of ALU Instructions .........................................................................................................
88
11-2
Results of Arithmetic Operations Performed in 4-Bit Binary and BCD ..................................
92
11-3
Types of Arithmetic Operations .............................................................................................
94
11-4
Logical Operations .................................................................................................................
97
11-5
Table of True Values for Logical Operations ..........................................................................
97
11-6
Bit Judgement Instructions ...................................................................................................
97
11-7
Comparison Judgement Instructions .....................................................................................
99
12-1
Writing into and Reading from the Port Register (0.70H) ......................................................
105
12-2
Writing into and Reading from the Port Register (0.71H) ......................................................
106
12-3
Writing/reading to/from Port Register (0.72H) (
µPD17120, 17121) .......................................
107
12-4
Writing into and Reading from the Port Register (0.72H) and Pin Function Selection ...........
108
12-5
Register File Contents and Pin Functions ..............................................................................
110
12-6
Contents Read from the Port Register (0.73H) ......................................................................
110
12-7
Writing into and Reading from the Port Registers (0.6FH.0, 0.6FH.1) ...................................
111
13-1
Timer Resolution and Maximum Setting Time ......................................................................
130
13-2
List of Serial Clock .................................................................................................................
135
13-3
Serial Interface’s Operation Mode .........................................................................................
137
14-1
Interrupt Source Types ..........................................................................................................
146
14-2
Interrupt Request Flag and Interrupt Enable Flag ..................................................................
147
15-1
States during Standby Mode .................................................................................................
162
15-2
HALT Mode Cancellation Condition .......................................................................................
163
15-3
Start Address After HALT Mode Cancellation .......................................................................
163
15-4
STOP Mode Cancellation Condition .......................................................................................
167
15-5
Start Address After STOP Mode Cancellation .......................................................................
167
16-1
State of Each Hardware Unit When Reset ............................................................................
171
17-1
Pins Used for Writing/Verifying Program Memory ................................................................
179
17-2
Differences Between Mask ROM Version and One-Time PROM Version ............................
180
17-3
Operating Mode Setting ........................................................................................................
180
19-1
Mask Option Definition Pseudo Instructions .........................................................................
252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More