công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D17133CS bảng dữ liệu(PDF) 76 Page - NEC

tên linh kiện D17133CS
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

D17133CS bảng dữ liệu(HTML) 76 Page - NEC

Back Button D17133CS Datasheet HTML 72Page - NEC D17133CS Datasheet HTML 73Page - NEC D17133CS Datasheet HTML 74Page - NEC D17133CS Datasheet HTML 75Page - NEC D17133CS Datasheet HTML 76Page - NEC D17133CS Datasheet HTML 77Page - NEC D17133CS Datasheet HTML 78Page - NEC D17133CS Datasheet HTML 79Page - NEC D17133CS Datasheet HTML 80Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
61
7.7 PROGRAM STATUS WORD (PSWORD)
7.7.1 Program Status Word Configuration
Figure 7-16 shows the configuration of the program status word.
Figure 7-16. Program Status Word Configuration
7EH
Address
Name
Bit
Symbol
Initial value when reset
b3
b2
b1
b0
0
RPL
7FH
Program status
word (PSWORD)
b3
b2
b1
b0
I
X
E
0
PSW
Data
Z
C
Y
C
M
P
B
C
D
(RP)
As shown in Figure 7-16, the program status word consists of five bits; the least significant bit of system register
address 7EH (RPL) and all four bits of system register address 7FH (PSW).
The program status word is divided into the following 1-bit flags: Binary coded decimal flag (BCD), compare flag
(CMP), carry flag (CY), zero flag (Z), and the index enable flag (IXE).
All register bits are cleared to 0 at reset and at saved at interrupt stack register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More