| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D17133CS bảng dữ liệu(PDF) 95 Page - NEC |
|
|
|||||||||||||||||||||||||||||
D17133CS bảng dữ liệu(HTML) 95 Page - NEC |
|
95 / 289 page ![]() CHAPTER 10 DATA BUFFER (DBF) 80 Figure 10-2. Data Buffer Configuration Address Bit Data b3 b2 b1 b0 DBF3 Symbol Bit b15 b14 b13 b12 b3 b2 b1 b0 DBF2 b11 b10 b9 b8 b3 b2 b1 b0 DBF1 b7 b6 b5 b4 b3 b2 b1 b0 DBF0 b3 b2 b1 b0 0CH 0DH 0EH 0FH M S B L S B Data memory BANK0 Data buffer Data Because the data buffer is allocated in data memory, it can be used in any of the data memory manipulation instructions. 10.2 FUNCTIONS OF THE DATA BUFFER The data buffer has two separate functions. The data buffer is used for data transfer with peripheral hardware. The data buffer is also used for reading constant data in program memory. Figure 10-3 shows the relationship between the data buffer and peripheral hardware. Figure 10-3. Relationship Between the Data Buffer and Peripheral Hardware 01H Shift register (SIOSFR) Peripheral hardware 02H 03H Timer modulo register (TMM) 40H Address register (AR) Data buffer (DBF) Constant data Program memory (ROM) Internal bus Peripheral address Timer count register (TMC) |