| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DZM5168M-R1 bảng dữ liệu(PDF) 17 Page - Dorji Industrial Group Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
DZM5168M-R1 bảng dữ liệu(HTML) 17 Page - Dorji Industrial Group Co.,Ltd |
|
17 / 17 page ![]() DZM5168M Revision 1.02 Page of 17 Aug. 2014 17 ORDERIN INFORMATION There are three types of modules: Coordinator, Router and EndDevice. For one network, only one Coordinator is allowed but there can be multiple Routers and EndDevice. Router can be acted as relay node and terminate node. As to EndDevice it only acts as terminate node and doesn’t have routing function. Just for this reason the EndDevice has sleep function because it doesn’t have children nodes. If the applications don’t need to consider power consumption, Coordinator and Routers are enough for networking. For low energy consumption projects which the terminate nodes have no children nodes and only need to communicate with its father nodes, EndDevice can be used together with Coordinator to establish a Star Network. Certainly Coordinator, Router and EndDevice can be used in the same network for more complicated applications. Part Type Description DZM5168M-C1 20dBm Zigbee Coordinator module, DIP package DZM5168M-R1 20dBm Zigbee Router module, DIP package DZM5168M-E1 20dBm Zigbee EndDevice module, DIP package Table 18: DZM5168M Selection Guide Dorji Applied Technologies A division of Dorji Industrial Group Co., Ltd Add.: Xinchenhuayuan 2, Dalangnanlu, Longhua, Baoan district, Shenzhen, China 518109 Tel: 0086-755-28156122 Fax.: 0086-755-28156133 Email: sales@dorji.com Web: http://www.dorji.com Dorji Industrial Group Co., Ltd reserves the right to make corrections, modifications, improvements and other changes to its products and services at any time and to discontinue any product or service without notice. Customers are expected to visit websites for getting newest product information before placing orders. These products are not designed for use in life support appliances, devices or other products where malfunction of these products might result in personal injury. Customers using these products in such applications do so at their own risk and agree to fully indemnify Dorji Industrial Group for any damages resulting from improper use. |