| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DZM5168M-R1 bảng dữ liệu(PDF) 6 Page - Dorji Industrial Group Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
DZM5168M-R1 bảng dữ liệu(HTML) 6 Page - Dorji Industrial Group Co.,Ltd |
|
6 / 17 page ![]() DZM5168M Revision 1.02 Page of 17 Aug. 2014 6 Table 6: Frame Data Structure In Frame Data Section cmdID (API Identifier) is used to identify which API command should be executed. In the following sections a few API commands will be introduced. 3). Local AT command in API mode The AT command also can be executed in API mode, which is the same as in configuration mode. The cmdID for AT command in the data structure is 0x08. Table 7: CmdID for AT Command If using AT command to read parameters, the module will return parameters immediately. The cmdID for returned frame is 0x88 |