công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD17P132CS bảng dữ liệu(PDF) 73 Page - NEC

tên linh kiện UPD17P132CS
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD17P132CS bảng dữ liệu(HTML) 73 Page - NEC

Back Button UPD17P132CS Datasheet HTML 69Page - NEC UPD17P132CS Datasheet HTML 70Page - NEC UPD17P132CS Datasheet HTML 71Page - NEC UPD17P132CS Datasheet HTML 72Page - NEC UPD17P132CS Datasheet HTML 73Page - NEC UPD17P132CS Datasheet HTML 74Page - NEC UPD17P132CS Datasheet HTML 75Page - NEC UPD17P132CS Datasheet HTML 76Page - NEC UPD17P132CS Datasheet HTML 77Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
58
Example 4. Processing an array
As shown in Figure 7-13, to perform the operation:
A(N) = A(N) + 4 (0
≤ N ≤ 15)
on the element A(N) of a one-dimensional array in which an element is 8 bits, the following
instructions are executed:
M000
MEM 0.00H
M001
MEM 0.01H
MOV
IXH, #0
MOV
IXM, #N SHR 3
;
Set the offset of the row address.
MOV
IXL, #N SHL 1 AND 0FH
;
Set the offset of the column address.
OR
PSW, #.DF.IXE AND 0FH ;
IXE
← 1
ADD
M000, #4
;
ADDC
M001, #0
;
A(N)
← A(N) + 4
In the example above, because an element is 8 bits, the value resulting from left-shifting the
N's value by 1 bit is set for the index register.
Figure 7-13. Example of Operation When MPE=0 and IXE=1 (Array Processing)
0
1
2
3
4
5
6
7
0
System register
Column address
A (0)
123456789
A
B
C
D
E
F
A (0)
A (8)
A (1)
A (9)
A (2)
A (10)
A (3)
A (11)
A (4)
A (12)
A (5)
A (13)
A (6)
A (14)
A (7)
A (15)
00H
01H
b3
b2
b1
b0
b7
b6
b5
b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More