| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17P132CS bảng dữ liệu(PDF) 36 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD17P132CS bảng dữ liệu(HTML) 36 Page - NEC |
|
36 / 289 page ![]() CHAPTER 3 PROGRAM COUNTER (PC) 21 Figure 3-5. Value in the Program Counter during Execution of an Indirect Branch Instruction MSB PC9 PC8 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 LSB AR9 AR8 AR7 AR6 AR5 AR4 AR3 AR2 AR1 AR0 3.2.3 Program Counter during Execution of Subroutine Calls (CALL) There are two ways to specify branching using subroutine calls. One is to specify the branch address in the operand using the direct subroutine call (CALL addr). The other is to branch to the address specified by the address register using the indirect subroutine call (CALL @AR). A direct subroutine call causes the value in the program counter to be saved in the stack and then the address specified in the operand to be placed in the program counter. Direct subroutine calls can specify any address in program memory. Figure 3-6. Value in the Program Counter during Execution of a Direct Subroutine Call An indirect subroutine call causes the value in the program counter to be saved in the stack and then the value in the address register to be placed in the program counter. Figure 3-7. Value in the Program Counter during Execution of an Indirect Subroutine Call MSB PC9 PC8 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 LSB Address specified by addr MSB PC9 PC8 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 LSB AR9 AR8 AR7 AR6 AR5 AR4 AR3 AR2 AR1 AR0 Address stack register n (n = 0 to 4) |